Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH271W

  • AI
    The **ISCNH271W** is a specific infrared (IR) sensor module, commonly identified as an **Infrared Receiver Module** often used in consumer electronics for remote control signal detection. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications The ISCNH271W is designed to receive modulated infrared signals (typically at a specific carrier frequency like 38kHz) and convert them into electrical pulses that a microcontroller can interpret. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | IR Receiver / Photodetector IC | | **Carrier Frequency** | Usually 38 kHz (standard for IR remotes) | | **Operating Voltage** | 2.7V to 5.5V DC | | **Current Consumption** | < 1.5 mA | | **Detection Distance** | Up to 15-20 meters | | **Output Logic** | Active Low (Signal drops to 0V when IR is detected) | --- ### 2. Internal Electronic Architecture Inside the ISCNH271W "can" or housing, several discrete stages work together to process the light signal: 1. **PIN Photodiode:** A high-speed light sensor that converts incoming infrared photons into a weak electrical current. 2. **Preamplifier:** Boosts the weak signal from the photodiode to a manageable level. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent saturation from bright ambient light (like sunlight or fluorescent bulbs). 4. **Band Pass Filter:** This is the "brain" of the part. It filters out all frequencies except the carrier frequency (e.g., 38kHz), ensuring the device only reacts to the remote control and not background heat. 5. **Demodulator & Output Driver:** Strips the carrier wave and outputs the original data pulse to the final pin. --- ### 3. Pinout Configuration While physical packages can vary, most modules in this series follow a standard 3-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **OUT** | Data signal output to Microcontroller (Arduino/ESP32) | | **2** | **GND** | Ground (0V) | | **3** | **VCC** | Positive Power Supply (3.3V or 5V) | --- ### 4. Implementation Circuit To use this part reliably, it is recommended to add a simple RC filter to the power line to reduce noise. ```cpp // Typical Arduino Code Snippet to read ISCNH271W #include const int RECV_PIN = 11; // Connect to OUT pin IRrecv irrecv(RECV_PIN); decode_results results; void setup() { Serial.begin(9600); irrecv.enableIRIn(); // Start the receiver } void loop() { if (irrecv.decode(&results)) { Serial.println(results.value, HEX); irrecv.resume(); // Receive the next value } } ``` --- ### 5. Common Applications * **Home Appliances:** TV, Air Conditioners, and Audio systems. * **Robotics:** Obstacle detection or remote-controlled movement. * **Industrial:** Non-contact data transmission or optical switches.
    ✨ Follow-up Questions
    • ⤷What is the carrier frequency of the ISCNH271W?
    • ⤷ How do I wire an IR receiver to an Arduino safely?
    • ⤷ Can the ISCNH271W work under direct sunlight?