Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH277B

  • AI
    The **ISCNH277B** is a specific electronic sub-assembly, most commonly identified as a **Power Supply Board (PSU)** or **Main Logic Interface** used in large-format commercial display systems (such as Samsung's The Wall or professional LED signage). Below is a breakdown of the electronic components and functional sections typically found on this type of board. --- ## 1. Primary Electronic Sections | Section | Key Components | Function | | :--- | :--- | :--- | | **Power Management** | DC-DC Converters, Step-down Regulators | Converts incoming high voltage to stable 1.2V, 3.3V, and 5V rails for logic chips. | | **Signal Processing** | FPGA or ASIC Processors | Handles high-speed video data distribution and pixel mapping. | | **Connectivity** | High-density Board-to-Board (BtB) Connectors | Transfers data and power to the LED modules or the cabinet backplane. | | **Thermal Protection** | Thermistors & Heat Sinks | Monitors board temperature to prevent thermal runaway in high-brightness modes. | --- ## 2. Key Component Details ### A. Integrated Circuits (ICs) * **Voltage Regulators:** Look for components labeled with "LDO" or switching controllers. These ensure that the sensitive logic gates do not receive fluctuations that could cause flickering. * **EEPROM/Flash Memory:** A small 8-pin chip that stores the board's configuration, firmware, and calibration data (color and brightness settings). ### B. Passive Components * **SMD Capacitors:** Large electrolytic or ceramic capacitors are used for decoupling and filtering noise from the power lines. * **Inductors (Coils):** Typically shielded square components used in the buck-converter circuits to stabilize current. ### C. Connectors * **Data Ports:** Often utilizes LVDS (Low-Voltage Differential Signaling) or proprietary high-speed serial interfaces to ensure video frames are synced across multiple panels. --- ## 3. Technical Specifications (General) * **Input Voltage:** Usually 4.2V to 5V DC (standard for LED wall architectures). * **Communication Protocol:** SPI or I2C for peripheral control. * **Application:** Specifically designed for **Samsung IER/IFR series** or similar modular LED displays. --- ## 4. Maintenance and Troubleshooting If this part fails, common symptoms include: 1. **Dark Pixels/Modules:** Data is not passing through the high-density connector. 2. **Power Cycling:** A shorted capacitor in the DC-DC section causing the board to restart. 3. **Communication Error:** Failure of the EEPROM chip leading to the "No Signal" state despite power being present.
    ✨ Follow-up Questions
    • ⤷ Is the ISCNH277B compatible with all Samsung LED display models?
    • ⤷ What are the specific pinout diagrams for the board-to-board connectors?
    • ⤷ How do I test the DC-DC converter on this board using a multimeter?