Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH27B

  • AI
    The **ISCNH27B** is a specialized high-voltage, high-current connector typically used in **Electric Vehicles (EV)** and **Hybrid Electric Vehicles (HEV)**. It is part of the interconnection systems designed to handle the power transfer between the battery pack, inverter, and Power Distribution Unit (PDU). --- ## 1. Technical Specifications The "electronic" nature of this component is defined by its ability to maintain high conductivity while providing safety insulation against high-voltage DC systems. | Feature | Description | | :--- | :--- | | **Voltage Rating** | Typically rated for 800V to 1000V DC | | **Current Capacity** | High-current (often 200A - 300A depending on wire gauge) | | **Shielding** | 360° EMI/RFI shielding to prevent signal interference | | **Ingress Protection** | IP67 or IP6K9K (Waterproof and Dustproof) | | **Contact Material** | Copper alloy with Silver (Ag) or Orange/Tin plating | --- ## 2. Key Electronic Components While the connector is mechanical in structure, its electronic performance relies on several critical sub-parts: ### A. Power Contacts (Terminals) The core "electronic" part consists of heavy-duty male/female terminals. They are designed with low contact resistance to minimize heat generation (Joulean heating) during high-current draw. ### B. High Voltage Interlock Loop (HVIL) This is a critical safety feature. It is a secondary, low-current circuit integrated into the connector. * **Function:** If the connector is partially unplugged, the HVIL circuit breaks first. * **Action:** The vehicle's ECU detects the break and immediately shuts off the high-voltage contactors to prevent electric arcing and injury. ### C. Electromagnetic Shielding The connector includes an internal metallic shell or "shielding cage." This is essential in EVs because the high-frequency switching of the inverter can create significant **Electromagnetic Interference (EMI)**, which could disrupt the vehicle's low-voltage communication sensors (CAN bus). --- ## 3. Application Use-Cases In an electronic architecture, the ISCNH27B is used in the following locations: 1. **Battery Outlets:** Connecting the main traction battery to the high-voltage bus. 2. **Inverter Input:** Supplying DC power to be converted into AC for the motor. 3. **DC Fast Charging:** Routing high-current energy from the charge port to the battery. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the HVIL circuit in this connector?
    • ⤷ How does silver plating improve the performance of ISCNH27B terminals?
    • ⤷ What are the common wire gauge sizes compatible with this series?