Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH317F

  • AI
    The **ISCNH317F** (often referred to as the CNH317F or simply the 317F series) is a high-performance **Infrared (IR) Receiver Module** typically used in remote control systems. These components are designed to receive modulated infrared signals and convert them into digital pulses for a microcontroller. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics of the ISCNH317F module: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7V to 5.5V | | **Carrier Frequency** | 38 kHz (Standard for IR remotes) | | **Supply Current** | 0.5 mA to 1.5 mA | | **Receiving Distance** | Up to 15-20 meters | | **B.W. (Bandwidth)** | ±2 kHz | | **Output Type** | Active Low (Digital) | --- ### 2. Internal Components & Architecture The "F" in the part number often signifies a specific filter or package type. Internally, the device contains: 1. **Photo Diode:** Sensitive to infrared light (wavelengths ~940nm). 2. **Preamplifier:** Boosts the weak signal from the diode. 3. **Automatic Gain Control (AGC):** Stabilizes the signal in different lighting conditions. 4. **Band Pass Filter (BPF):** Specifically tuned to **38kHz** to ignore sunlight and other light sources. 5. **Demodulator:** Removes the 38kHz carrier wave, leaving only the data bits. --- ### 3. Pin Configuration The module typically features a 3-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vout** | Data output (connects to MCU I/O pin) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power supply (+3.3V or +5V) | --- ### 4. Application Circuit Example To ensure signal stability and noise reduction, a small RC filter is recommended in the circuit design. ```c // Typical Connection Logic [Vcc Pin] ---- [100 Ohm Resistor] ---- [+5V Rail] | [47uF Capacitor] ---- [GND] | [Vout Pin] ---- [MCU Digital Input Pin] ``` --- ### 5. Common Use Cases * **Consumer Electronics:** TV sets, DVD players, and Air Conditioners. * **Home Automation:** IR-controlled lighting and smart fans. * **Robotics:** Obstacle detection or remote-controlled movement.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 38kHz and a 56kHz IR receiver?
    • ⤷ How do I test if an ISCNH317F is functioning correctly using a multimeter?
    • ⤷ Can this module be used in direct sunlight without interference?