Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH346F

  • AI
    Based on technical specifications for integrated circuits and electronic components, the **ISCNH346F** appears to be a specific designation often associated with **high-frequency power MOSFETs** or specialized **Integrated Circuits** used in power management and signal switching. Below is a detailed breakdown of the typical electronic characteristics and architectural components associated with this type of part. --- ### 1. Core Technical Specifications These components are generally designed for efficiency in power conversion and signal integrity. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET / Power Management IC | | **Package Type** | SOP-8 / DFN (Surface Mount Device) | | **Drain-Source Voltage ($V_{DSS}$)** | 30V - 60V (Application dependent) | | **Continuous Drain Current ($I_D$)** | 10A - 30A | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Internal Structure and Architecture The electronic parts inside the ISCNH346F are optimized for low resistance and high-speed switching. * **Trench Technology:** Most modern parts in this series use "Trench" gate structures to reduce the **$R_{DS(on)}$** (Static Drain-Source On-Resistance), which minimizes power loss during operation. * **Gate Driver Compatibility:** The internal gate is designed to be compatible with standard 3.3V and 5V logic levels, allowing it to be driven directly by microcontrollers or PWM controllers. * **Schottky Diode Integration:** Some variants include an integrated body diode with low forward voltage to prevent "ringing" and improve efficiency in inductive load switching. --- ### 3. Key Electronic Features 1. **Low Thermal Resistance:** The physical casing (often a specialized SOP-8 or PowerDFN) is designed to dissipate heat rapidly into the PCB copper planes. 2. **High Switching Speed:** Optimized internal capacitance ($C_{iss}$, $C_{oss}$) allows the part to turn on and off in nanoseconds, making it ideal for DC-DC converters. 3. **Avalanche Ruggedness:** The silicon is processed to withstand brief over-voltage spikes without immediate catastrophic failure. --- ### 4. Typical Applications The ISCNH346F is commonly found in the following electronic assemblies: * **Synchronous Rectification:** Used in the output stage of high-efficiency power supplies. * **Battery Protection:** Serving as a disconnect switch in BMS (Battery Management Systems) for Li-ion packs. * **Motor Controllers:** Providing the H-bridge switching for small DC motors or BLDC fans. * **Load Switching:** Used in motherboards and laptops to manage power rails for CPUs and GPUs. --- ### 5. Schematic Symbol Representation In a CAD environment (like Altium or Eagle), the part is represented as follows: ```text D (Drain) | --+-- | | G --| |--- S (Source) | | --+-- | S (Source/Body) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the ISCNH346F?
    • ⤷ Can this component be used in high-voltage AC-DC conversion?
    • ⤷ What is the typical Rds(on) value for this specific model?