ISCNH353P
AI

The **ISCNH353P** is a high-performance, industrial-grade IP networking camera module, typically based on Hisilicon or similar SoC (System on Chip) architectures. It is designed for high-definition video surveillance with specific focus on low-light performance and efficient data compression.
---
### Core Electronic Components
The hardware architecture of the ISCNH353P is divided into several functional blocks:
| Component Category | Description | Key Functions |
|:---|:---|:---|
| **Image Sensor** | Progressive Scan CMOS | Converts light into electronic signals; typically features high dynamic range (WDR). |
| **Main SoC** | Multimedia Processor | Handles H.265/H.264 encoding, image signal processing (ISP), and networking. |
| **Memory (RAM)** | DDR3/DDR4 SDRAM | Provides temporary workspace for video buffering and OS operations. |
| **Storage (Flash)** | SPI Nor/Nand Flash | Houses the firmware (RTOS or Linux-based) and configuration data. |
| **Ethernet PHY** | 10/100 Mbps Controller | Manages physical network connectivity and data transmission. |
---
### Technical Specifications
The board is engineered to balance power consumption with computational throughput.
* **Resolution Support:** Up to 5MP (2592 x 1944) or 4K depending on the specific firmware version.
* **Video Compression:**
* **H.265 (HEVC):** Reduces bandwidth by up to 50% compared to H.264.
* **MJPEG:** Used for high-quality snapshots.
* **ISP Features:**
* **3D DNR:** Digital Noise Reduction for clear images in low light.
* **BLC/HLC:** Backlight and Highlight Compensation.
* **IR-Cut Filter:** Mechanical switcher for day/night mode.
---
### Interface Connectivity
The module usually features a standardized pinout for integration into various camera housings:
```yaml
Interfaces:
- Power: 12V DC Input (Internal Step-down regulators)
- Network: RJ45 via 1.25mm pitch headers
- Audio: Line In / Line Out (G.711 codec support)
- Alarm: I/O pins for motion sensors or sirens
- Storage: MicroSD slot (optional add-on board)
- Lens: Support for M12 or CS-mount lenses with Auto-Iris control
```
---
### Power Management
The ISCNH353P typically includes a **DC-DC buck converter** circuit to step down external power (usually 12V) to the lower voltages required by the SoC (1.1V, 1.8V, and 3.3V). It often supports **PoE (Power over Ethernet)** via an external splitter module.
- ⤷
What are the compatible image sensors for the ISCNH353P SoC?
- ⤷ Does this module support ONVIF protocols for NVR integration?
- ⤷ What is the typical power consumption of this module under full load?