Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISCNH60B

  • AI
    The **ISCNH60B** is a high-performance, automotive-grade current sensor module typically manufactured by **Isabellenhütte**. It is designed for precise current measurement in high-voltage battery management systems (BMS) for electric vehicles (EV) and hybrid electric vehicles (HEV). --- ### 1. Technical Specifications The device is part of the **IVT (Intelligent Voltage and Temperature)** series, which combines shunt-based measurement with integrated digital signal processing. | Feature | Specification | | :--- | :--- | | **Measurement Principle** | Shunt-based (Manganin) | | **Current Range** | Up to ±600A (continuous) | | **Interface** | CAN Bus 2.0 | | **Channels** | 1 Current channel, up to 3 Voltage channels | | **Accuracy** | 0.1% typical | | **Sampling Rate** | 1 kHz | | **Isolation** | Up to 1000V Galvanic Isolation | --- ### 2. Core Electronic Components The internal architecture of the ISCNH60B consists of several critical stages: #### A. The Shunt Resistor The heart of the module is a low-resistance **Manganin shunt**. Unlike Hall-effect sensors, the shunt offers superior long-term stability and is immune to magnetic interference. It converts the flowing current into a proportional millivolt signal. #### B. Analog Front End (AFE) A high-precision, multi-channel **Sigma-Delta Analog-to-Digital Converter (ADC)**. This chip amplifies the tiny voltage drop across the shunt and converts it into a high-resolution digital signal. #### C. Microcontroller / Logic Unit An onboard MCU processes the raw data from the ADC. It performs: * **Calibration:** Compensating for gain and offset errors. * **Temperature Compensation:** Adjusting readings based on the shunt's temperature profile. * **Coulomb Counting:** Calculating the State of Charge (SoC) by integrating current over time. #### D. Galvanic Isolation Because the shunt is physically connected to the high-voltage (HV) bus, the communication side (CAN) must be isolated to protect the vehicle's low-voltage electronics. This is achieved using **Digital Isolators** (capacitive or magnetic). #### E. CAN Transceiver The processed data is transmitted via a standard **Controller Area Network (CAN)** interface, allowing the Battery Management System to monitor current, voltage, and power in real-time. --- ### 3. Key Functions 1. **Current Sensing:** Measuring the flow into and out of the battery pack. 2. **Voltage Measurement:** Measuring the total stack voltage and monitoring the high-voltage relay states. 3. **Overcurrent Detection:** Providing fast triggers for safety fuses or breakers. 4. **Energy Calculation:** Monitoring total energy throughput (kWh) for battery health diagnostics. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific CAN message structures for the ISCNH60B?
    • ⤷ How does the ISCNH60B compare to Hall-effect current sensors?
    • ⤷ What is the pinout configuration for the ISCNH60B connector?