AI

## Overview of the ISD1016API
The **ISD1016API** is a single-chip Voice Record/Playback device manufactured by Information Storage Devices (now part of Nuvoton). It belongs to the **ISD1000A** family and is designed for high-quality, single-chip voice storage using proprietary **DAST** (Direct Analog Storage Technology).
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Duration** | 16 Seconds |
| **Sampling Rate** | 8.0 kHz |
| **Passband** | 3.4 kHz |
| **Supply Voltage** | +5V (Single Supply) |
| **Storage Type** | EEPROM-based (Non-volatile) |
| **Package Type** | 28-pin DIP (Plastic) |
---
### Internal Architecture and Components
The ISD1016API is highly integrated, containing all the necessary components for an analog recording system on a single silicon die:
1. **Microphone Preamplifier:** Includes an Automatic Gain Control (AGC) circuit to normalize input levels.
2. **Anti-Aliasing/Smoothing Filters:** Active filters that prevent distortion during recording and smooth the signal during playback.
3. **Analog Storage Array:** Unlike digital chips that convert sound to 0s and 1s, this chip stores analog levels directly in EEPROM cells.
4. **Speaker Driver:** A built-in differential amplifier capable of driving a 16Ω speaker directly.
5. **Internal Clock:** An on-chip oscillator provides the timing, eliminating the need for external crystal oscillators.
---
### Pin Configuration Summary
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| **1-8, 10-12** | A0 - A10 | **Address Inputs:** Sets the starting point for record/playback. |
| **27** | P/R | **Playback/Record:** High = Playback, Low = Record. |
| **23** | CE | **Chip Enable:** Must be pulsed Low to initiate a cycle. |
| **24** | PD | **Power Down:** High puts the chip into low-power standby. |
| **17, 18** | SP+, SP- | **Speaker Outputs:** Direct connection to a speaker. |
| **20** | MIC | **Microphone Input:** Analog input for voice signals. |
| **25** | EOM | **End of Message:** Pulse signal indicating a message has ended. |
---
### How DAST Technology Works
The core innovation of the ISD1016API is **DAST (Direct Analog Storage Technology)**.
* **Traditional Method:** Sound → ADC → Digital Memory (Flash) → DAC → Sound.
* **ISD Method:** Sound → Analog Memory (EEPROM) → Sound.
By storing the analog voltage level directly into non-volatile memory cells, the chip avoids quantization noise and eliminates the need for complex digital signal processing (DSP). This results in a very natural-sounding voice reproduction despite the low sampling frequency.
---
### Basic Application Circuit
To operate the ISD1016API, a minimal number of external components are required:
```text
1. VCC (Pin 28) -> +5V DC
2. GND (Pin 13, 14) -> 0V
3. Microphone -> Pin 20 (via 0.1uF Capacitor)
4. Speaker -> Pins 17 and 18
5. Control Logic -> Connect CE and P/R to a Microcontroller or Switches.
```
- ⤷
How does the addressing system work for playing back specific message segments?
- ⤷ What are the power consumption levels during active and standby modes?
- ⤷ Can multiple ISD1016 chips be cascaded for longer recording durations?