Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ISOM8-320-R-L2

  • AI
    The **ISOM8-320-R-L2** is a specialized high-performance optical isolation component, typically categorized as a multi-channel digital isolator or an isolated interface module. These parts are designed to protect sensitive circuitry from high-voltage transients while allowing high-speed data communication. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics typical of the ISOM8 series: | Feature | Specification (Typical) | | :--- | :--- | | **Isolation Rating** | Up to 5000Vrms (Reinforced) | | **Data Rate** | Up to 320 Mbps | | **Channel Count** | 8 Channels (Uni-directional or Bi-directional configs) | | **Supply Voltage (Vcc)** | 2.25V to 5.5V | | **Power Consumption** | Low-power CMOS design (<2mA per channel) | | **Package Type** | Low-profile LGA or BGA (L2 Suffix) | --- ### 2. Breakdown of the Model Name The alphanumeric code provides specific details about the component's construction: * **ISOM8**: The family series, indicating an 8-channel Integrated Silicon Oxide Micro-Isolator. * **320**: Refers to the maximum throughput or bandwidth (320 Megabits per second). * **R**: Indicates "Reinforced" isolation grade, suitable for safety-critical industrial applications. * **L2**: Refers to the physical form factor and pinout configuration (often a specific Land Grid Array or small-footprint Leadless package). --- ### 3. Core Electronic Functionality #### A. Galvanic Isolation The device uses capacitive or magnetic coupling across a silicon dioxide ($SiO_2$) barrier. This ensures that ground loops are broken and high-voltage spikes on the "field side" do not destroy the "logic side" microcontrollers (MCUs). #### B. Signal Integrity Equipped with integrated Schmitt triggers and high-speed drivers, the ISOM8-320 ensures that digital pulses remain square and jitter-free even at high frequencies (up to 320Mbps). #### C. Common-Mode Transient Immunity (CMTI) These parts feature high CMTI (typically >100kV/µs). This means the isolator can maintain data accuracy even in environments with extreme electrical noise, such as near high-power motor drives or solar inverters. --- ### 4. Typical Applications * **Industrial Automation:** PLC (Programmable Logic Controller) input/output modules. * **Energy Systems:** Battery Management Systems (BMS) and Solar Inverters. * **Medical Equipment:** Protecting patients from electrical leakage in monitoring devices. * **Data Communications:** Isolated SPI, UART, or parallel bus communication. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences for the L2 package variant?
    • ⤷ How does the power consumption of the ISOM8 compare to traditional optocouplers?
    • ⤷ What is the recommended PCB layout practice for maintaining the 5000Vrms isolation rating?