IXDF504PI
AI

The **IXDF504PI** is a high-speed, dual-channel gate driver integrated circuit (IC) manufactured by IXYS (now a part of Littelfuse). It is specifically designed to drive MOSFETs and IGBTs in power switching applications.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the IXDF504PI:
| Parameter | Value |
| :--- | :--- |
| **Logic Configuration** | Inverting / Non-Inverting (Dual Channel) |
| **Peak Output Current** | 4 Amps |
| **Supply Voltage Range** | 4.5V to 30V |
| **Rise / Fall Time** | 9ns / 8ns (typical) |
| **Package Type** | 8-Pin DIP (Through-Hole) |
| **Operating Temperature** | -55°C to +125°C |
| **Propagation Delay** | < 50ns |
---
## 2. Key Features and Functions
The IXDF504PI serves as a "buffer" between low-power control signals (from a Microcontroller or PWM IC) and high-power switches.
* **High Peak Current:** Its ability to deliver 4A of peak current allows it to quickly charge and discharge the gate capacitance of large MOSFETs, minimizing switching losses.
* **Latch-Up Protection:** The device is designed to be immune to latch-up, ensuring stability in noisy industrial environments.
* **Low Propagation Delay:** This makes it suitable for high-frequency switching applications (up to several MHz).
* **Versatile Logic:** It can interface with both TTL and CMOS logic levels.
---
## 3. Pin Configuration (8-Pin DIP)
Below is the standard pinout representation for the IXDF504PI:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | VCC | Supply Voltage Input |
| 2 | IN A | Logic Input for Channel A |
| 3 | GND | Ground |
| 4 | IN B | Logic Input for Channel B |
| 5 | OUT B | Driver Output B |
| 6 | VCC | Supply Voltage Input (Internal Connection) |
| 7 | OUT A | Driver Output A |
| 8 | NC / GND | No Connection or Ground |
---
## 4. Typical Applications
The IXDF504PI is commonly found in the following systems:
1. **Switch Mode Power Supplies (SMPS):** Driving the primary side MOSFETs.
2. **Motor Controllers:** Controlling H-bridge circuits for DC motors.
3. **DC-to-DC Converters:** High-frequency voltage regulation.
4. **Pulse Generators:** Creating high-speed, high-power pulses for testing.
---
## 5. Circuit Connection Example
To use the IXDF504PI, you generally place a small resistor (Gate Resistor) between the Output pin and the Gate of the MOSFET to prevent ringing.
```c
// Simplified logical flow
[MCU PWM Signal] --> [IXDF504PI Input]
[IXDF504PI Output] --> [Resistor] --> [MOSFET Gate]
```
- ⤷
What is the difference between the IXDF504 and the IXDI504 models?
- ⤷ How do I calculate the gate resistor for this driver?
- ⤷ Can this IC be used for high-side driving in a half-bridge?