Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • IXDF604PI

  • AI
    The **IXDF604PI** is a high-speed, dual-channel gate driver integrated circuit (IC) manufactured by IXYS (now a part of Littelfuse). It is specifically designed to drive MOSFETs and IGBTs in high-frequency switching applications. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the IXDF604PI: | Parameter | Specification | | :--- | :--- | | **Logic Configuration** | Inverting / Non-Inverting (Dual Channel) | | **Output Current (Peak)** | 4.0 Amps | | **Supply Voltage Range** | 4.5V to 35V | | **Rise / Fall Time** | 9ns / 8ns (typical) | | **Propagation Delay** | 35ns (typical) | | **Package Type** | 8-Pin PDIP (Plastic Dual In-line Package) | | **Operating Temperature** | -40°C to +125°C | --- ### ### Key Internal Components & Features 1. **Dual Output Stages:** The device contains two independent channels. Each channel can provide up to 4A of peak current, allowing it to charge and discharge the gate capacitance of large power transistors very quickly. 2. **Logic Inputs:** The inputs are TTL and CMOS compatible. They feature hysteresis to provide noise immunity, preventing false triggering in electrically noisy environments. 3. **Low Output Impedance:** The output stages are designed with low resistance (typically < 2 $\Omega$), which minimizes power dissipation within the IC and ensures fast switching speeds. 4. **Latch-Up Protection:** The design is inherently resistant to latch-up. It can withstand over 1.5A of reverse current being forced back into the output pins without damage. --- ### ### Typical Application Circuit When wiring the IXDF604PI, bypass capacitors are critical to handle the high-current pulses required during switching. ```cpp // Typical Pin Configuration (8-Pin PDIP) Pin 1: VCC // Power Supply (4.5V - 35V) Pin 2: IN A // Input Channel A Pin 3: GND // Ground Pin 4: IN B // Input Channel B Pin 5: OUT B // Output Channel B Pin 6: VCC // Power Supply (Commonly tied to Pin 1) Pin 7: OUT A // Output Channel A Pin 8: GND // Ground (Commonly tied to Pin 3) ``` --- ### ### Use Cases * **Switch Mode Power Supplies (SMPS):** Driving the primary switches at high frequencies to improve efficiency. * **Motor Controllers:** Controlling H-bridge MOSFETs for DC motor speed and direction. * **DC-DC Converters:** Used in buck, boost, and resonant converters. * **Class D Amplifiers:** Providing the fast switching required for high-fidelity audio amplification.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IXDF604 and the IXDI604 versions?
    • ⤷ How do I calculate the gate resistor value when using this driver?
    • ⤷ What are the thermal considerations for using this IC in high-frequency applications?