IXDI604PI
AI

# Overview of IXDI604PI
The **IXDI604PI** is a high-speed, dual CMOS gate driver manufactured by IXYS (Littelfuse). It is specifically designed to drive MOSFETs and IGBTs in power switching applications where high current and fast switching speeds are required.
---
## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the IXDI604PI:
| Parameter | Specification |
| :--- | :--- |
| **Configuration** | Dual Inverting Drivers |
| **Peak Output Current** | 4.0 Amperes |
| **Operating Supply Voltage** | 4.5V to 35V |
| **Logic Input Voltage** | TTL & CMOS Compatible |
| **Rise / Fall Time** | 9ns / 8ns (with 1000pF load) |
| **Propagation Delay** | < 35ns |
| **Package Type** | 8-Pin PDIP (Plastic Dual In-Line Package) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Functional Description
The IXDI604PI acts as an interface between low-power control logic (like a Microcontroller or PWM IC) and high-power switches (MOSFETs/IGBTs).
### Core Features:
* **Inverting Logic:** The "I" in IXDI indicates that the output is the inverse of the input. If the input is HIGH, the output is LOW.
* **High Current Capability:** With a 4A peak current, it can rapidly charge and discharge the gate capacitance of large power transistors, minimizing switching losses.
* **Wide Voltage Range:** It can operate up to 35V, providing significant headroom for driving various types of power stages.
* **Low Propagation Delay:** This allows for high-frequency PWM (Pulse Width Modulation) operation, common in modern power supplies.
---
## 3. Pin Configuration
The device comes in a standard 8-pin layout:
1. **ENA:** Enable Input A (Active High)
2. **INA:** Control Input A
3. **GND:** Ground
4. **INB:** Control Input B
5. **OUTB:** Output B (Inverted)
6. **VCC:** Supply Voltage
7. **OUTA:** Output A (Inverted)
8. **ENB:** Enable Input B (Active High)
---
## 4. Typical Applications
The IXDI604PI is commonly used in high-efficiency power electronics, including:
* **Switch Mode Power Supplies (SMPS):** Driving the primary switches.
* **DC-DC Converters:** Providing high-speed switching for voltage regulation.
* **Motor Controllers:** Driving H-bridge circuits for DC or BLDC motors.
* **Class D Amplifiers:** Driving the output stage MOSFETs.
* **Pulse Generators:** Generating high-speed power pulses for laser or physics research.
---
## 5. Circuit Implementation Tips
```cpp
// General Design Considerations:
1. Bypass Capacitors: Place a 0.1uF to 1.0uF ceramic capacitor very
close to the VCC and GND pins to handle high-frequency current spikes.
2. Ground Plane: Use a solid ground plane to reduce inductive ringing.
3. Gate Resistors: Use small resistors (1-10 ohms) between the
driver output and the MOSFET gate to dampen oscillations.
```
- ⤷
What is the difference between IXDI604 and IXDN604?
- ⤷ How do I calculate the gate resistor for use with this driver?
- ⤷ Can this driver be used in a high-side configuration without an external bootstrap?