AI

The **JAPD2-0J-R** is a specific part number belonging to the **JAPD Series** of Polymeric ESD (Electrostatic Discharge) Suppressors manufactured by **Susumu Co., Ltd.**
These components are designed to protect sensitive electronic circuits from high-voltage transients, such as those caused by human contact or air discharge, while maintaining signal integrity in high-speed data lines.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | JAPD (Polymeric ESD Suppressor) |
| **Package Size** | 0402 (Inch) / 1005 (Metric) |
| **Rated Voltage** | 20V DC |
| **Capacitance** | Very Low (~0.05pF to 0.1pF) |
| **Leakage Current** | < 1nA |
| **Trigger Voltage** | ~150V - 300V |
| **Clamping Voltage** | ~25V - 50V |
---
### 2. Physical Construction and Technology
Unlike standard TVS diodes that use silicon, the JAPD series utilizes **Polymer Composite Technology**.
* **Structure:** It consists of a polymer material embedded with conductive particles.
* **Mechanism:** Under normal operating voltages, the polymer acts as an insulator. When an ESD event occurs, the high voltage causes the particles to form a conductive path (tunneling effect), shunting the spike to the ground instantly.
---
### 3. Core Advantages
The "0J" variant is particularly valued for the following reasons:
1. **Ultra-Low Capacitance:** With capacitance levels near 0.05pF, it has almost zero impact on signal distortion. This makes it superior to traditional diodes for high-frequency applications.
2. **Bi-directional Protection:** It protects against both positive and negative ESD strikes.
3. **Fast Response Time:** It reacts in less than 1 nanosecond, which is critical for protecting sub-micron CMOS chips.
4. **Durability:** It is designed to withstand multiple ESD hits without degrading, compliant with IEC 61000-4-2 Level 4.
---
### 4. Common Applications
Due to its high-speed compatibility, the JAPD2-0J-R is typically found in:
* **High-Speed Interfaces:** USB 3.0/3.1, HDMI 2.0, DisplayPort, and Thunderbolt.
* **RF Antennas:** Protecting NFC, GPS, and Wi-Fi front-ends where signal loss must be minimized.
* **Consumer Electronics:** Smartphones, tablets, and high-end laptops.
---
- ⤷
How does the JAPD2-0J-R compare to a standard TVS diode in terms of signal integrity?
- ⤷ What are the soldering layout recommendations for this 0402 package?
- ⤷ Can this part be used in automotive-grade environments?