Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JAPD2-4W-R/Q

  • AI
    The **JAPD2-4W-R/Q** is a high-performance, 4-way 0° power splitter/combiner manufactured by **Mini-Circuits**. It is designed for applications requiring high power handling and wide frequency coverage within a compact, surface-mount form factor. --- ### ## Technical Specifications The following table highlights the primary electronic characteristics of the JAPD2-4W-R/Q: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 700 MHz to 2700 MHz | | **Configuration** | 4-Way 0° | | **Power Input (as Splitter)** | Up to 20W Max | | **Insertion Loss (Above 6dB)** | 0.8 dB (Typical) | | **Isolation** | 22 dB (Typical) | | **Phase Unbalance** | 3.0 Degrees (Max) | | **Amplitude Unbalance** | 0.25 dB (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Electronic Components & Features ### ### 1. Internal Circuitry * **Microstrip/Stripline Design:** The device utilizes precision-printed transmission lines on a high-dielectric substrate to manage impedance matching (50 Ohms) across the 700-2700 MHz bandwidth. * **Resistive Isolation:** Internal high-power resistors are integrated to provide isolation between output ports. This ensures that a mismatch or signal reflected from one output port does not significantly affect the other three. ### ### 2. Power Handling Capacities * **As a Splitter:** It can handle an input power of up to 20W, provided the outputs are matched. * **As a Combiner:** When used as a power combiner, the power rating is lower (typically around 0.5W to 1W per port as internal dissipation increases) because the internal resistors must dissipate the "difference" signals between non-coherent inputs. ### ### 3. Construction (Q/R Suffix) * **Case Style:** It features a **JV1210C-1** ceramic package. * **RoHS Compliant:** The "R" in the part number typically denotes RoHS compliance, and the "Q" often relates to specific automated testing or high-reliability screening standards used by Mini-Circuits. * **Wrap-around Terminations:** The gold-over-nickel terminations allow for excellent solderability and low parasitic inductance at high frequencies. --- ### ## Applications * **Cellular Infrastructure:** Used in LTE, 4G, and 5G base stations for signal distribution. * **MIMO Systems:** Essential for splitting signals to multiple antenna arrays. * **Test and Measurement:** Used in labs to distribute a single RF source to four different DUTs (Devices Under Test) with minimal phase variance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'Q' versions of this component?
    • ⤷ How does insertion loss change across the 700-2700 MHz frequency range?
    • ⤷ Can this part be used for 5G applications in the 3.5GHz band?