JAPD2-5-R/Q
AI

The **JAPD2-5-R/Q** is a part number typically associated with professional-grade electrical connectors, specifically within the **Circular Connector** or **Industrial Plug/Socket** categories. These components are designed for high-reliability power or signal transmission in demanding environments.
---
### 1. General Specifications
While specific technical data can vary slightly by manufacturer (often associated with brands like **JAE** or specialized industrial suppliers), the alphanumeric code generally breaks down as follows:
| Feature | Description |
| :--- | :--- |
| **Series** | JAPD (Commonly indicates a rugged, high-density circular series) |
| **Shell Size** | 2 (Reference to the physical diameter of the housing) |
| **Contact Count** | 5 (Specifies a 5-pin configuration) |
| **Contact Gender** | R (Often denotes a Receptacle/Socket) |
| **Keying/Finish** | Q (Specific polarization or plating designation) |
---
### 2. Key Electronic Characteristics
These parts are engineered to maintain electrical integrity under mechanical stress.
* **Current Rating:** Typically ranges from **5A to 13A** per contact, depending on the wire gauge used.
* **Voltage Rating:** Generally rated for **250V to 500V AC/DC**, making them suitable for motor controls and power supplies.
* **Insulation Resistance:** Usually minimum **1000MΩ**, ensuring no leakage between pins.
* **Dielectric Withstanding Voltage:** Capable of handling surges (often up to **1500V AC**) for one minute without breakdown.
---
### 3. Physical & Material Composition
The "electronic" performance is heavily reliant on the materials used in the pins and housing:
* **Contacts:** Usually made of **Copper Alloy** with **Gold or Silver plating** to minimize contact resistance and prevent oxidation.
* **Insulator:** High-grade synthetic resin (like PBT) to withstand high temperatures during soldering or operation.
* **Coupling Mechanism:** Screw-lock or bayonet style to ensure the connection does not break due to vibration.
---
### 4. Typical Applications
These connectors are found in sectors where a standard consumer-grade USB or RJ45 connector would fail:
1. **Industrial Automation:** Sensor arrays and actuator connections.
2. **Robotics:** Power and signal lines for articulated arms.
3. **Medical Equipment:** Reliable power interfaces for diagnostic machinery.
4. **Transportation:** Control systems in rail or heavy machinery.
---
- ⤷
What is the IP rating for the JAPD2-5-R/Q connector?
- ⤷ Can you provide the mounting hole dimensions for the 'R' (Receptacle) type?
- ⤷ Which wire gauge (AWG) is recommended for the 5-pin configuration?