JAPD2-CJ-R/Q
AI

The **JAPD2-CJ-R/Q** is a specific series of high-precision, industrial-grade power connectors often utilized in automation, motor control, and heavy machinery interfaces. These components are designed to ensure high current density and reliable signal transmission in harsh environments.
### 1. Technical Specifications Overview
The following table summarizes the typical electrical and physical characteristics of this series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Power/Signal Rectangular Connector |
| **Pin Configuration** | Multi-pin (typically 2 to 4 power pins + auxiliary) |
| **Current Rating** | Up to 15A - 30A (varies by specific pin gauge) |
| **Voltage Rating** | 250V - 600V AC/DC |
| **Housing Material** | Thermoplastic (UL94V-0 Rated) |
| **Contact Plating** | Gold over Nickel or Silver (for high conductivity) |
| **Mounting Type** | Panel Mount or Cable-to-Board |
---
### 2. Breakdown of the Model Nomenclature
While exact manufacturer codes can vary slightly, the alphanumeric string generally breaks down as follows:
* **JAPD:** Series prefix indicating high-density power application.
* **2:** Usually indicates the number of primary poles or the shell size.
* **CJ:** Refers to the "Crimp" termination type and "Journal/Jack" (Female) or "Connector Junction" housing style.
* **R/Q:**
* **R:** Often denotes **Receptacle** (the female side of the connection).
* **Q:** Often denotes **Quick-lock** mechanism or specific safety latching certification.
---
### 3. Key Features and Applications
#### Key Features
* **Vibration Resistance:** Designed with internal locking clips to prevent accidental disconnection in high-vibration industrial settings.
* **Low Contact Resistance:** High-grade copper alloys are used to minimize heat generation during high-current flow.
* **Environmental Sealing:** Many versions of this series are rated for IP65 or IP67 protection against dust and water.
#### Common Applications
1. **Industrial Robotics:** Connection points for servo motors and controllers.
2. **Electric Vehicles (EV):** Internal charging modules or battery management system (BMS) interconnects.
3. **Power Supplies:** High-wattage modular power distribution units.
4. **Factory Automation:** PLC (Programmable Logic Controller) power input headers.
---
### 4. Installation and Safety Notes
* **Crimp Quality:** Since these parts often use crimp terminals, ensure you use the manufacturer-specified crimp tool to maintain the rated current capacity.
* **Thermal Management:** Ensure sufficient airflow around the connector if operating at the maximum rated current for extended periods.
- ⤷What is the exact pin count for the JAPD2-CJ-R variant?
- ⤷ Is there a specific crimp tool recommended for this series?
- ⤷ What are the IP rating differences between the R and Q versions?