Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JCS60N10I-R-A

  • AI
    ## Technical Overview of JCS60N10I-R-A The **JCS60N10I-R-A** is an N-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-efficiency switching applications, power supplies, and motor control. ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 100 | V | | Continuous Drain Current | $I_D$ | 60 | A | | Pulsed Drain Current | $I_{DM}$ | 240 | A | | Gate-Source Voltage | $V_{GSS}$ | ±20 | V | | Static Drain-Source On-Resistance | $R_{DS(on)}$ | ~14 - 18 | mΩ | | Total Gate Charge | $Q_g$ | ~75 | nC | | Power Dissipation | $P_D$ | 110 - 150 | W | --- ### 2. Physical and Packaging Information The "I" in the suffix usually refers to the package type, and the "R-A" denotes specific revision or tape-and-reel packaging standards. * **Package Type:** Typically **TO-251 (IPAK)** or **TO-220F**. These packages are favored for their thermal management capabilities. * **Mounting Type:** Through-hole (usually). * **Polarity:** N-Channel. --- ### 3. Core Features * **Low $R_{DS(on)}$:** This ensures minimal power loss during the "ON" state, leading to higher efficiency. * **Fast Switching:** Optimized gate charge allows for high-frequency operation. * **Ruggedness:** Designed to withstand high avalanche energy, making it reliable in inductive switching environments. * **RoHS Compliant:** Lead-free and environmentally friendly. --- ### 4. Typical Applications The JCS60N10I-R-A is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in the power stages of voltage regulators. 2. **Uninterruptible Power Supplies (UPS):** Facilitates efficient power inversion. 3. **Motor Drivers:** Controls the speed and torque of DC motors. 4. **LED Lighting Drivers:** Manages current flow for high-power LED arrays. --- ### 5. Symbol Representation In a schematic, the part is represented as an N-Channel MOSFET: ```text Drain (D) | |----+ | | Gate-||---| [Body Diode] (G) | | |----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance rating for the JCS60N10I-R-A?
    • ⤷ Are there any equivalent MOSFETs for this part number?
    • ⤷ How does the RDS(on) change with gate voltage for this device?