AI

Based on available technical specifications, the **JDL-A00-R** typically refers to a specific series or model of **LED Indicator/Pilot Lamp assemblies**, often used in industrial control panels, automation systems, and machinery.
Below is a breakdown of its electronic components and technical characteristics.
### 1. Core Technical Specifications
The device is designed for visual feedback in electrical circuits.
| Parameter | Typical Value |
| :--- | :--- |
| **Light Source** | High-intensity LED (Light Emitting Diode) |
| **Input Voltage** | Typically 12V, 24V DC or 110V/220V AC (Model specific) |
| **Current Consumption** | ≤ 20mA |
| **Lifespan** | > 30,000 Hours |
| **Mounting Diameter** | Usually 16mm or 22mm |
| **Color (R suffix)** | **Red** (Indicates Stop, Warning, or Power On) |
---
### 2. Internal Electronic Parts
The JDL-A00-R is more than just a bulb; it contains integrated circuitry to manage power:
* **LED Chip:** The primary semiconductor component that converts electrical energy into red light. Modern versions use SMD (Surface Mount Device) LEDs for better heat dissipation.
* **Current Limiting Resistor:** A fixed resistor wired in series with the LED to prevent it from burning out by limiting the flow of current.
* **Rectifier Diode (AC Models):** If the unit is rated for AC, it contains a small diode or bridge rectifier to convert AC to DC for the LED chip.
* **Protection Capacitor:** Used in higher voltage models to filter noise and prevent flickering caused by voltage spikes.
* **Screw Terminals:** The conductive metal connection points (usually brass or copper) where external wiring is secured.
---
### 3. Physical Construction
The electronic parts are protected by a robust housing designed for industrial environments:
1. **Diffuser Lens:** The "R" in the part number stands for **Red**. The lens is made of flame-retardant polycarbonate (PC) to diffuse the LED light evenly.
2. **Housing/Body:** Usually made of Polyamide (Nylon 66) or metal, providing insulation and heat resistance.
3. **Sealing Gasket:** Provides an IP rating (often IP65 or IP67) to protect the internal electronics from dust and moisture.
---
### 4. Wiring Diagram Representation
In a schematic, the JDL-A00-R is represented by the standard pilot light symbol:
```text
[Line/Positive] ----( X1 )----
|
(LED)
|
[Neutral/Negative] --( X2 )----
```
---
- ⤷What is the maximum operating temperature for the JDL-A00-R?
- ⤷ Can this indicator be used with a PWM signal for dimming?
- ⤷ What is the IP rating for this specific model series?