AI

Based on technical specifications for the **JDL-A25-R**, this model typically refers to an **Industrial Warning Light / Tower Signal Light** (often produced by Jiaming or similar industrial automation brands).
Below is a breakdown of its electronic components and technical features.
---
## 1. Technical Specifications Table
| Component/Feature | Details |
| :--- | :--- |
| **Model Number** | JDL-A25-R |
| **Light Source** | High-intensity LED (Light Emitting Diode) |
| **Color** | Red (R) |
| **Voltage Options** | DC12V, DC24V, AC110V, or AC220V |
| **Operation Mode** | Steady Burning or Flashing (User selectable) |
| **Diameter** | 25mm (Ultra-slim design) |
| **Material** | PC (Polycarbonate) Lens + ABS Base |
---
## 2. Key Electronic Components
### A. LED Array
The "heart" of the device is a series of Red LEDs. Unlike incandescent bulbs, these LEDs offer:
* **Low Power Consumption:** Minimal draw on the industrial control circuit.
* **Longevity:** Rated for over 50,000 hours of operation.
* **Vibration Resistance:** Solid-state components that do not break under machine movement.
### B. Control Circuitry (PCB)
Inside the base, a small Printed Circuit Board (PCB) manages the power delivery.
* **Voltage Regulator:** Converts the input voltage to the specific current required by the LEDs.
* **Flash Controller:** Contains a small IC (Integrated Circuit) or timing circuit that creates the "strobe" or flashing effect if the mode is enabled.
* **Reverse Polarity Protection:** (In DC models) Prevents the device from burning out if the positive and negative wires are swapped.
### C. Wiring Harness
Typically, the unit features color-coded lead wires:
* **Black/Gray:** Common/Ground.
* **Red:** Power for the Red light signal.
---
## 3. Installation and Usage
The **JDL-A25-R** is designed for integration into PLC (Programmable Logic Controller) systems.
```javascript
// Logic Example for PLC Integration
IF (Machine_Error == TRUE) {
Set_Output(JDL_A25_R, HIGH); // Activates the red warning light
}
```
### Common Applications:
1. **Status Indication:** Red usually indicates a "Stop," "Fault," or "Emergency" state.
2. **Small Machinery:** The 25mm diameter is specifically for compact equipment where standard 50mm tower lights are too large.
3. **Server Racks:** Monitoring power or thermal states in IT infrastructure.
---
- ⤷
What is the power consumption in Watts for the 24V version?
- ⤷ Can this model be wired to both flash and stay steady simultaneously?
- ⤷ Is the JDL-A25-R rated for outdoor waterproof use?