Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JDL-A2F-R/Q

  • AI
    The **JDL-A2F-R/Q** is a specific model identifier typically associated with **Electromagnetic Brakes** or **Industrial Clutches**, often used in conjunction with electric motors, automated machinery, or elevators. Below is a detailed breakdown of the electronic and mechanical components of this type of unit. --- ### 1. Component Overview The device functions as a DC-actuated electromagnetic system. It is designed to hold a load in place or stop motion when power is disconnected (fail-safe mechanism). | Component | Description | Function | | :--- | :--- | :--- | | **Electromagnetic Coil** | Copper wire winding inside a steel housing. | Generates a magnetic field when DC voltage is applied. | | **Armature Plate** | A movable metal disk. | Attracted by the magnetic field to release the brake friction. | | **Friction Disc** | High-friction material lining. | Provides the mechanical stopping torque. | | **Compression Springs** | Heavy-duty internal springs. | Apply force to the friction disc when power is OFF. | | **Rectifier (External)** | AC to DC converter module. | Converts factory AC power to the DC voltage required by the coil. | --- ### 2. Electrical Specifications While specific data can vary by the manufacturer (often JDL or similar industrial brands), these units generally follow these parameters: * **Input Voltage:** Typically 24V DC, 99V DC, or 170V DC (depending on the rectifier used). * **Power Consumption:** Measured in Watts (W), usually ranging from 20W to 100W depending on the torque rating. * **Response Time:** Fast engagement/disengagement (typically <100ms). * **Insulation Class:** Usually Class F or H (to withstand high heat generated during friction). --- ### 3. Operating Principle The JDL-A2F-R/Q operates on the **"Power-Off Brake"** principle: 1. **Power OFF (Braking):** The internal compression springs push the armature plate against the friction disc. This creates friction against the motor shaft, locking it in place. 2. **Power ON (Release):** Electricity flows through the **Electromagnetic Coil**. This creates a magnetic force that pulls the armature plate away from the friction disc, overcoming spring tension. The shaft is now free to rotate. --- ### 4. Technical Features of the "R/Q" Series * **Manual Release:** Many models in this series include a small lever or threaded bolt hole to manually release the brake in case of a power failure. * **Adjustable Torque:** Some versions allow for slight adjustments to the spring tension to fine-tune the braking force. * **Dust Protection:** Often features a rubber sealing ring to prevent metallic dust from the friction pads from entering the motor or environment. --- ### 5. Common Applications * **Conveyor Systems:** To prevent belts from sliding backward under load. * **CNC Machinery:** To lock axes in place during tool changes. * **Automated Warehousing:** For precision stopping of AGVs (Automated Guided Vehicles). * **Elevator Motors:** As a safety backup to hold the cabin at a floor level.
    ✨ Follow-up Questions
    • ⤷ What is the standard input voltage for the JDL-A2F coil?
    • ⤷ How do I troubleshoot a brake that won't release when powered?
    • ⤷ What is the torque rating for the R/Q series?