JDL-A2Z-R
AI

The **JDL-A2Z-R** is a specific model of an **Elevator Door Motor Controller** (often used in JDL-brand door systems). It is an integrated electronic unit designed to manage the opening and closing cycles of elevator doors with precision and safety.
---
### Core Electronic Components and Functions
| Component Type | Function in JDL-A2Z-R |
| :--- | :--- |
| **Microcontroller (MCU)** | The "brain" that processes inputs from the elevator car controller and calculates the door curve (acceleration/deceleration). |
| **Power Inverter / IPM** | Converts DC power into variable AC power to drive the 3-phase door motor (using PWM). |
| **Capacitor Bank** | Smooths the input voltage and stores energy to handle sudden spikes during motor startup. |
| **Communication Interface** | Typically uses CAN-bus or RS-485 to communicate with the main elevator logic board. |
| **I/O Terminals** | Connects to limit switches (Open/Close limits) and safety edges (light curtains). |
---
### Key Technical Specifications
Based on the standard architecture for the A2Z series, the electronic specifications generally include:
* **Input Voltage:** 220V AC (Single Phase).
* **Output Phase:** 3-Phase (U, V, W) to the motor.
* **Control Method:** Variable Voltage Variable Frequency (VVVF) or Vector Control.
* **Protection Circuits:**
* Overcurrent protection.
* Short-circuit protection.
* Overvoltage/Undervoltage monitoring.
---
### Terminal Layout and Connectivity
The electronics are divided into high-voltage and low-voltage sections:
1. **Power Terminals:**
* `L / N`: Main AC input.
* `U / V / W`: Output to the door motor.
2. **Control Terminals:**
* `COM`: Common ground for signals.
* `OPEN / CLOSE`: Input triggers from the lift controller.
* `NC / NO / COM (Relay)`: Output status signals (Door Fully Open/Closed).
3. **Encoder Port:**
* High-speed pulse input to track the exact position of the door panels.
---
### Typical Wiring Logic
```mermaid
graph LR
A[AC Input] --> B[JDL-A2Z-R Controller]
B --> C[3-Phase Motor]
D[Limit Switches] --> B
E[Safety Light Curtain] --> B
B --> F[Main Lift Controller]
```
- ⤷
What are the common error codes displayed on the JDL-A2Z-R digital display?
- ⤷ How do you perform a 'self-learning' cycle on this specific door controller?
- ⤷ Can this controller be used with permanent magnet synchronous motors (PMSM)?