AI

The **JDL-A4F-R** is a specific electronic component, commonly identified as a **Micro-Switch** or **Tactile Switch**, often used in industrial controls, automotive interfaces, and consumer electronics. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The JDL-A4F-R is characterized by its compact form factor and momentary action.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Momentary Tactile Switch |
| **Contact Form** | SPST (Single Pole Single Throw) |
| **Operating Force** | 160gf to 250gf (Gram-force) |
| **Current Rating** | 50mA |
| **Voltage Rating** | 12V DC |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
---
### 2. Key Electronic Features
* **Snap-Action Mechanism:** The switch utilizes a metal dome contact. When the actuator is pressed, the dome collapses to provide tactile feedback (a "click") and completes the electrical circuit.
* **Low Power Design:** Rated for 50mA at 12V, this switch is designed for signal-level switching rather than direct power control. It is typically connected to a microcontroller (MCU) GPIO pin.
* **Bounce Time:** Like most mechanical switches, it exhibits "contact bounce." In electronic circuits, this requires a software or hardware **debouncing** circuit (typically 5ms to 10ms).
* **Through-Hole Mounting (R-Suffix):** The "R" often denotes a specific packaging (like Reel) or a Right-Angle orientation, allowing the switch to be mounted perpendicular to the PCB.
---
### 3. Connection Diagram (Internal)
The switch typically has four pins, but internally they are connected in pairs to provide structural stability on the PCB.
```text
Pin 1 ---[ Switch ]--- Pin 3
|
Pin 2 ------+---------- Pin 4
Note: Pins 1 & 2 are usually tied together internally,
as are Pins 3 & 4.
```
---
### 4. Common Applications
* **User Interfaces:** Reset buttons, mode selectors, or power buttons on small appliances.
* **Automotive:** Dashboard controls or key fob buttons.
* **Industrial:** PCB-mounted input triggers for PLC modules.
- ⤷
What is the physical footprint (dimensions) of the JDL-A4F-R?
- ⤷ How do I implement a debouncing circuit for this switch?
- ⤷ What are the environmental ratings
- ⤷ such as operating temperature and IP rating?