AI

The **JFX1-11-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Fused Resistor** or a specialized **Chip Fuse**, often associated with the **JFX series**. It is designed for circuit protection, combining the characteristics of a resistor with the safety function of a fuse.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic characteristics of the JFX1-11-R:
| Specification | Value/Description |
| :--- | :--- |
| **Component Type** | SMD Fuse / Fusing Resistor |
| **Rated Current** | 1.0A - 1.1A (Series dependent) |
| **Rated Voltage** | 32V - 63V DC (Typical) |
| **Package Size** | 0603 or 1206 (Metric 1608/3216) |
| **Mounting Type** | Surface Mount (SMT) |
| **RoHS Compliant** | Yes (Lead-Free) |
---
### 2. Functional Description
The JFX1-11-R serves two primary electronic roles in a circuit:
1. **Overcurrent Protection:** It acts as a sacrificial device. When the current exceeds the rated threshold (approximately 1.1A), the internal element melts, creating an open circuit to protect downstream components.
2. **Inrush Current Limitation:** Due to its resistive properties, it can help dampen small spikes in current during initial power-up, preventing "nuisance" blowing while still providing safety.
---
### 3. Physical Construction and Materials
* **Substrate:** Usually high-purity alumina ceramic for heat dissipation and structural integrity.
* **Terminations:** Silver (Ag) or Copper (Cu) base with a Nickel (Ni) barrier layer and a Tin (Sn) finish for excellent solderability.
* **Marking:** The "R" in the suffix typically denotes **RoHS Compliance** or a specific **Reel packaging** standard for automated pick-and-place machines.
---
### 4. Common Applications
The JFX1-11-R is frequently found in compact consumer electronics where space is limited but protection is critical:
* **Mobile Devices:** Battery management systems (BMS) for smartphones and tablets.
* **Computer Peripherals:** USB ports, HDMI interfaces, and docking stations.
* **LCD Displays:** Protection for backlight drivers and logic boards.
* **Power Adapters:** Low-voltage DC-to-DC conversion stages.
---
### 5. Selection Considerations
When replacing or designing with this part, consider the following:
* **Interrupting Rating:** Ensure the fuse can safely quench the arc generated during a short circuit at your specific operating voltage.
* **Temperature Derating:** The 1.1A rating is usually at 25°C; if the device operates in a hot environment, the effective current rating will decrease.
- ⤷
What is the exact melting I2t (Ampere-squared seconds) rating for this fuse?
- ⤷ What are the footprint dimensions for the JFX1-11-R in millimeters?
- ⤷ Can this component be used in AC voltage applications or is it DC only?