Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JFX1-12-R

  • AI
    The **JFX1-12-R** is a high-performance **Ferrite Chip Bead** manufactured by **Eaton** (formerly Coiltronics/Bussmann). It belongs to the JFX series, which is specifically designed to provide high-frequency EMI (Electromagnetic Interference) noise suppression in electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ferrite Chip Bead (Multilayer) | | **Impedance (at 100MHz)** | 12 Ohms | | **Tolerance** | ±25% | | **DC Resistance (DCR)** | 0.05 Ohms (Max) | | **Rated Current** | 500 mA (0.5A) | | **Package Size** | 0603 (Inch) / 1608 (Metric) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Functional Description A ferrite bead like the JFX1-12-R acts as a passive low-pass filter. It works by creating high resistance to high-frequency signals while allowing low-frequency or DC signals to pass with minimal loss. #### How it operates: * **Low Frequencies:** The bead behaves like a small inductor with very low resistance. * **High Frequencies:** The bead becomes resistive. Instead of reflecting the noise back into the circuit (which can cause resonance), it absorbs the noise energy and dissipates it as a tiny amount of heat. --- ### 3. Physical Construction The "1608" (0603) size means the part measures approximately **1.6mm x 0.8mm**. * **Internal Structure:** It uses a multilayer construction where the internal conductive layers are printed on ferrite material. * **Termination:** Usually features tin-plated (Sn) terminations for excellent solderability, often compliant with RoHS standards (indicated by the `-R` suffix). --- ### 4. Typical Applications Because of its low impedance (12 Ohms) and 500mA current rating, this specific part is often used for: 1. **Power Line Filtering:** Removing high-frequency noise from DC power rails in mobile phones and tablets. 2. **Signal Integrity:** Preventing "ringing" or signal distortion in high-speed data lines. 3. **EMI Suppression:** Ensuring the device meets FCC/CE electromagnetic compatibility standards. 4. **Audio/Video Equipment:** Filtering noise from sensitive analog signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ Can I use the JFX1-12-R in high-power circuits exceeding 1 Amp?
    • ⤷ How does impedance change as the frequency increases beyond 100MHz?