JFX1-16B-R
AI

The **JFX1-16B-R** is a high-performance, shielded RJ45 connector, often integrated with magnetic components (commonly known as a "MagJack"). These components are essential for Ethernet communication interfaces.
---
### 1. Key Technical Specifications
The following table outlines the general electronic and physical characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Orientation** | Right Angle (Through-Hole) |
| **Data Rate** | Typically 10/100/1000 Base-T (Gigabit) |
| **Shielding** | Metal Shield with EMI Finger Gaskets |
| **LED Configuration** | Bi-color or Single color (depending on sub-variant) |
| **Contact Plating** | Gold over Nickel |
---
### 2. Core Electronic Functions
The JFX1-16B-R is more than just a mechanical plug; it contains integrated electronics to ensure signal integrity:
1. **Isolation Transformer:**
The internal magnetics provide galvanic isolation (usually up to 1,500V AC). This protects the internal circuitry of the device from power surges or static electricity on the network cable.
2. **Common Mode Chokes:**
These are used to suppress Electromagnetic Interference (EMI). They filter out high-frequency noise that could disrupt data transmission or cause the device to fail regulatory emissions tests (like FCC or CE).
3. **Termination Resistors/Capacitors:**
Usually incorporates "Bob Smith" termination to reduce common-mode reflections and improve the impedance matching of the differential pairs.
---
### 3. Pinout and Internal Schematic
While specific internal schematics can vary slightly by manufacturer, a standard 16B-R configuration usually follows this layout:
* **P1 - P8 (Cable Side):** Standard RJ45 interface for twisted pair cabling.
* **P1 - P10/12 (PCB Side):** Connects to the Ethernet PHY (Physical Layer) chip.
* **LED Pins:** Separate pins to drive the status indicators (Link/Activity).
### 4. Typical Applications
* Network Switches and Routers.
* Industrial PCs and Embedded Systems.
* Smart Home Hubs.
* Game Consoles and Set-top Boxes.
---
- ⤷What is the standard footprint/mounting pattern for the JFX1-16B-R?
- ⤷ Does this part support Power over Ethernet (PoE)?
- ⤷ What are the recommended operating temperatures for this RJ45 connector?