AI

The **JFX1-3B-R** is a specific electronic component, primarily identified as a **tactile switch** or a small-form-factor electromechanical switch. These are commonly used in consumer electronics, automotive interfaces, and industrial controls.
---
### 1. Technical Specifications
Below are the typical specifications for the JFX series tactile switches:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Actuation Force** | Typically 160gf to 250gf |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Contact Rating** | 50mA @ 12VDC |
| **Insulation Resistance** | 100 MΩ min. |
| **Operating Temperature** | -25°C to +70°C |
---
### 2. Physical Characteristics
* **Dimensions:** Usually features a compact footprint (e.g., 3x3mm or 4x4mm), making it ideal for high-density PCB designs.
* **Actuator Style:** Often features a flush or slightly raised button (stem) depending on the specific "3B" sub-designation.
* **RoHS Compliance:** The **"-R"** suffix typically indicates that the part is **RoHS Compliant**, meaning it is free from hazardous substances like lead.
---
### 3. Internal Construction
The "Electronic Parts" within this assembly consist of:
1. **Contact Dome:** A metal snap-dome that provides the "click" feel (tactile feedback) and bridges the electrical circuit when pressed.
2. **Terminals:** Silver-plated or gold-plated copper alloy pins for soldering to the PCB.
3. **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures.
4. **Cover:** A metal or plastic shield that holds the internal components in place.
---
### 4. Typical Applications
* **Handheld Devices:** Remote controls, calculators, and medical instruments.
* **Computing:** Mouse buttons, reset switches on motherboards.
* **Automotive:** Key fobs and dashboard buttons.
---
- ⤷
What is the exact footprint size for the JFX1-3B-R on a PCB layout?
- ⤷ Can this switch handle high-current applications above 1 Amp?
- ⤷ What are the alternative manufacturers for the JFX series switches?