JFX1-3G-R
AI

The **JFX1-3G-R** is a specific electronic component within the category of **High-Frequency/RF Inductors** or **Chip Inductors**, commonly utilized in telecommunications and high-speed signal processing.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the JFX series, here are the primary technical parameters:
| Parameter | Specification |
| :--- | :--- |
| **Inductance Value** | Typically 3.0 nH (indicated by the '3G' code) |
| **Tolerance** | ±0.3nH or ±5% (Series dependent) |
| **Package Size** | 0402 or 0603 SMD (Surface Mount Device) |
| **Material** | Ceramic Core / Wire-wound |
| **Operating Temperature** | -40°C to +125°C |
| **RoHS Compliance** | Yes (Lead-Free) |
---
### 2. Component Composition
The "electronic parts" or internal structure of this component include:
* **Ceramic Body:** Provides high structural integrity and a low dielectric constant, which is essential for maintaining a high **Q-factor** (Quality Factor) at high frequencies.
* **Winding Wire:** Microscopic copper wiring wound around the core to generate the inductive property.
* **Termination Electrodes:** Silver or copper bases plated with Nickel and Tin to ensure excellent solderability on Printed Circuit Boards (PCBs).
* **Encapsulation:** A protective resin coating that shields the wire from physical damage and oxidation.
---
### 3. Application Areas
Because of its low inductance and high precision, the JFX1-3G-R is used in:
1. **Impedance Matching:** Used in RF front-end circuits to match the impedance between the antenna and the transceiver.
2. **Signal Filtering:** Part of Low-Pass or Band-Pass filters to remove noise from high-frequency signals.
3. **VCO Circuits:** Voltage-Controlled Oscillators in mobile phones and Wi-Fi modules.
4. **Resonance:** Creating LC circuits for specific frequency tuning.
---
### 4. Part Number Breakdown (General Identification)
Typically, the code is structured as follows:
* **JFX:** Series Identifier (High-Frequency Inductor).
* **1:** Size code (e.g., 0402).
* **3G:** Inductance value (3.0 Nanohenries).
* **R:** Packaging type (Tape and Reel).
- ⤷
What is the Self-Resonant Frequency (SRF) of the JFX1-3G-R?
- ⤷ Can this part be used in automotive-grade applications?
- ⤷ How does the Q-factor of this ceramic inductor compare to ferrite-core types?