JFX1-4WE-R
AI

The **JFX1-4WE-R** is a specific electronic component typically categorized as a high-density, high-performance **board-to-board connector** or a **cable assembly connector**, often manufactured by companies like **Hirose Electric**.
Below is a detailed breakdown of its specifications, architecture, and common applications.
---
### 1. General Specifications
The "JFX" series is designed for high-speed differential signal transmission and space-saving on PCBs.
| Feature | Specification |
| :--- | :--- |
| **Series** | JFX Series |
| **Connector Type** | Board-to-Board / High-speed |
| **Number of Contacts** | 4 (based on "4WE" designation) |
| **Mounting Type** | Surface Mount (SMT) or Cable-end |
| **Termination** | Solder / Crimp (depending on specific sub-type) |
| **RoHS Compliant** | Yes |
---
### 2. Key Technical Features
* **High-Speed Signal Integrity:** Designed to minimize crosstalk and impedance mismatch, making it suitable for protocols like USB 3.0, PCIe, or high-definition video data.
* **Compact Footprint:** Engineered for low-profile electronic devices where vertical or horizontal space is limited.
* **Wiping Contact Design:** Ensures a reliable electrical connection by "wiping" away surface contaminants during the mating process.
* **Secure Locking:** Often features a mechanical lock or a friction-fit mechanism to prevent accidental disconnection due to vibration.
---
### 3. Pinout and Internal Structure
The "4WE" suffix usually indicates the pin configuration. In standard JFX terminology:
1. **Housing:** Made of high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering.
2. **Contacts:** Copper alloy with gold plating to ensure high conductivity and prevent oxidation.
3. **Shielding:** Some versions include a metal shell for EMI (Electromagnetic Interference) protection.
---
### 4. Typical Applications
This part is commonly found in modular electronics where high-frequency data must pass between two circuit boards:
* **Consumer Electronics:** Smartwatches, cameras, and handheld gaming consoles.
* **Industrial:** Interface modules for sensors or PLCs.
* **Automotive:** Infotainment systems and ADAS (Advanced Driver Assistance Systems) sensor links.
* **Medical:** Portable diagnostic equipment.
---
### 5. Part Number Breakdown (Estimated)
| Segment | Meaning |
| :--- | :--- |
| **JFX1** | Series Identifier (Generation 1) |
| **4** | Number of positions/pins |
| **WE** | Orientation/Type (e.g., Waterproof or Wide-Entry) |
| **-R** | Reel packaging (Tape and Reel for automated assembly) |
- ⤷
What is the maximum data transfer rate supported by the JFX series?
- ⤷ Is the JFX1-4WE-R rated for automotive vibration standards?
- ⤷ What are the recommended footprint dimensions for PCB layout?