JFX1-4Z-R
AI

The **JFX1-4Z-R** is a specific model of a **Jumper Flex (JFX)** connector, typically associated with board-to-board or high-speed data transmission applications. These components are designed to provide flexible, reliable connections between printed circuit boards (PCBs) where space is constrained or vibration resistance is required.
### Technical Overview
The JFX series generally focuses on high-density interconnects. Below is a breakdown of the typical electronic and mechanical specifications associated with this part number.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Board-to-Board / Flex Cable Connector |
| **Pitch** | Typically 0.5mm or 1.0mm (standard for JFX series) |
| **Circuit Count** | "4Z" typically indicates a specific pin configuration (often 4-row or specific pin count) |
| **Mounting Type** | Surface Mount (SMT) |
| **Termination** | ZIF (Zero Insertion Force) or Slide-lock mechanism |
| **Material** | High-temperature thermoplastic (LCP) with gold-plated contacts |
---
### Key Electronic Characteristics
1. **High-Speed Signal Integrity**:
Designed to minimize impedance mismatch, making it suitable for LVDS (Low-Voltage Differential Signaling) or high-speed data transfer between a mainboard and a display or sensor module.
2. **Current Rating**:
Usually rated for low current (e.g., 0.5A per contact), as these are signal-level connectors rather than power delivery components.
3. **Voltage Rating**:
Typically rated for 50V to 100V AC/DC.
4. **Contact Resistance**:
Engineered for low resistance (typically <50mΩ) to ensure signal clarity across the junction.
### Common Applications
* **Consumer Electronics**: Internal connections in laptops, tablets, and smartphones.
* **Industrial Automation**: Connecting PLC modules or touch-panel interfaces.
* **Medical Devices**: High-density wiring in portable diagnostic equipment.
* **Automotive**: Infotainment system displays and camera module links.
### Physical Design (The "R" Suffix)
In many electronic component naming conventions (like those used by Hirose, JAE, or Molex):
* **Z**: Often refers to a specific locking style or "Zero Insertion Force" feature.
* **R**: Generally stands for **Reel** packaging (Tape & Reel), indicating the part is packaged for automated pick-and-place assembly machines.
---
- ⤷
What is the exact pin count for the JFX1-4Z-R variant?
- ⤷ Is this connector compatible with standard FPC (Flexible Printed Circuit) cables?
- ⤷ What are the recommended soldering temperature profiles for this SMT component?