JFX1-5E-R
AI

The **JFX1-5E-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Fuse** within the JFX series. It is designed for overcurrent protection in compact electronic circuits.
---
## 1. Component Overview
The JFX1-5E-R belongs to the family of **Fast-Acting Surface Mount Fuses**. These are critical for protecting sensitive downstream components (like ICs or microprocessors) from sudden current spikes.
### Key Specifications
| Parameter | Value |
| :--- | :--- |
| **Current Rating** | 5 Amperes (5A) |
| **Voltage Rating** | Typically 32V to 125V (Varies by manufacturer) |
| **Response Time** | Fast-Acting / Quick Acting |
| **Package / Case** | 1206 (3216 Metric) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Compliant** | Yes |
---
## 2. Technical Features
* **Form Factor:** The "1206" size (approx. 3.2mm x 1.6mm) makes it ideal for high-density PCB designs.
* **Fast-Acting Characteristic:** It is engineered to open the circuit quickly when the current exceeds 5A, preventing heat buildup or fire hazards.
* **Materials:** Usually constructed with a ceramic or glass substrate and silver-plated end caps for high conductivity and durability.
* **Marking:** The "E" in the part number often serves as a code for the 5A rating on the body of the fuse.
---
## 3. Applications
The JFX1-5E-R is commonly found in the following electronic sectors:
1. **Consumer Electronics:** Laptops, tablets, and gaming consoles.
2. **Power Supplies:** DC-DC converters and battery management systems.
3. **Peripheral Devices:** Hard drives, printers, and monitors.
4. **Telecommunications:** Network hubs and wireless base stations.
---
## 4. Usage Considerations
When replacing or designing with this part, keep the following in mind:
```markdown
1. Nominal Current: Ensure the continuous operating current does not exceed 75% of the 5A rating.
2. I2t Value: Check the "melting integral" to ensure the fuse can handle brief inrush currents without blowing.
3. Temperature Derating: Fuses are sensitive to ambient heat; performance may degrade if the PCB environment exceeds 25°C.
```
- ⤷
What are the main differences between fast-acting and slow-blow SMD fuses?
- ⤷ How do I calculate the correct temperature derating for a 5A fuse?
- ⤷ Are there equivalent alternatives for the JFX1-5E-R from other manufacturers like Littelfuse or Bourns?