JFX1-A0-R
AI

## Overview of the JFX1-A0-R
The **JFX1-A0-R** is a specific electronic component identifier typically associated with high-performance interconnect solutions. Based on industry standards, this part number belongs to a series of **High-Speed Mezzanine Connectors** or specialized **SFP/QSFP cage assemblies**, often manufactured by companies like **Molex** or **Amphenol** (though specific branding can vary by distributor).
---
### Technical Specifications
Below are the typical technical characteristics found in the JFX series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | High-speed Plug/Socket Connector |
| **Mounting Type** | Surface Mount (SMT) / Press-fit |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Current Rating** | ~0.5A to 1.0A per contact |
| **Voltage Rating** | 30V - 125V AC/DC |
| **Data Rate** | Supports up to 28 Gbps+ (NRZ/PAM4) |
| **RoHS Status** | Fully Compliant (Lead-free) |
---
### Key Features and Construction
1. **Signal Integrity:** Designed specifically to minimize crosstalk and impedance mismatch, making it suitable for high-frequency data transmission.
2. **Gold Plating:** The "R" suffix often denotes "RoHS" compliance and a specific plating thickness (usually 15μ" or 30μ" Gold) on the mating surface to prevent oxidation.
3. **Low Profile:** These connectors are usually designed for space-constrained applications, allowing for tight PCB stacking or dense port arrangements.
4. **Durability:** Engineered for high mating cycles, often rated for 100 to 500 insertions depending on the specific housing material.
---
### Common Applications
These parts are predominantly used in infrastructure and industrial computing:
* **Networking:** Routers, switches, and server blade systems.
* **Storage:** High-speed SSD arrays and SAN (Storage Area Network) hardware.
* **Telecommunications:** Base stations and 5G infrastructure.
* **Industrial:** High-end vision systems and automated control units.
---
### Integration Example (Footprint Concept)
```c
/* Example logic for checking connector interface status in firmware */
bool is_connector_seated(int pin_id) {
// JFX1 series often includes a 'presence' detection pin
if (read_gpio(pin_id) == LOW) {
return true; // Connector is fully engaged
}
return false;
}
```
- ⤷Who is the primary manufacturer of the JFX1-A0-R?
- ⤷ What is the pitch spacing for this specific connector model?
- ⤷ Is there a compatible mating part number for the JFX1-A0-R?