JFX1-B2-R
AI

The **JFX1-B2-R** is a specific electronic component, typically categorized as an **Electromagnetic Signal Device** or a **Buzzer/Indicator** often used in industrial automation, control panels, or security systems.
Below is the detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The JFX series usually refers to high-decibel acoustic components designed for panel mounting.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Piezoelectric / Electromagnetic Buzzer |
| **Mounting Style** | Panel Mount (typically 22mm or 16mm hole) |
| **Output Type** | Continuous or Pulsating Tone |
| **Housing Material** | Flame-retardant Plastic (ABS/Polycarbonate) |
| **Termination** | Screw Terminals or Solder Pins |
### 2. Electrical Characteristics
These parts are engineered to operate within standard industrial voltage ranges.
* **Operating Voltage:** Often rated for **12V DC**, **24V DC**, or **110V/220V AC** (check the specific sub-suffix for your exact unit).
* **Current Consumption:** Low power draw, typically between **20mA to 50mA**.
* **Sound Pressure Level (SPL):** Usually ranges from **80dB to 105dB** at a distance of 10cm.
* **Frequency:** Generally tuned to **2.5kHz - 3.5kHz** for high audibility to the human ear.
### 3. Part Number Breakdown (JFX1-B2-R)
While manufacturers vary slightly, the nomenclature usually follows this logic:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | `JFX` | Indicator/Alarm series identifier. |
| **Size/Type** | `1` | Refers to the physical frame size (e.g., 22mm). |
| **Tone Style** | `B` | Often denotes a "Buzzer" function. |
| **Voltage Code** | `2` | Often represents **24V** (Industry standard code). |
| **Color/Light** | `R` | **Red**. Indicates a Red LED light integrated with the sound. |
### 4. Application and Usage
This part is commonly integrated into the following systems:
1. **PLC Alarm Circuits:** Used as a physical audible/visual alert for machine faults.
2. **Control Panels:** Fits into standard knockouts on electrical cabinets.
3. **Safety Interlocks:** Provides immediate feedback when a safety gate is opened or a process is completed.
---
### 5. Simple Connection Diagram
To integrate this into a circuit, follow this basic logic:
```yaml
[Power Source (+)] ---- [Switch/Relay Contact] ---- [Terminal 1 (+)]
[JFX1-B2-R]
[Power Source (-)] -------------------------------- [Terminal 2 (-)]
```
- ⤷
What is the maximum operating temperature for the JFX1 series?
- ⤷ Does this model support both continuous and intermittent beep patterns?
- ⤷ What is the IP rating for protection against dust and water?