JFX1-E4-R
AI

The **JFX1-E4-R** is a specific electronic component belonging to the **JFX series** of film capacitors, typically manufactured by companies like **Nichicon**. These capacitors are designed for high-fidelity audio applications and precision circuitry.
---
### 1. Part Number Breakdown
While manufacturer codes can vary slightly, the nomenclature generally follows this structure:
| Segment | Description | Details |
| :--- | :--- | :--- |
| **JFX** | Series Name | High-quality Metallized Polypropylene Film Capacitor (Audio Grade). |
| **1** | Voltage Rating | Often corresponds to a specific DC voltage (e.g., 100V or 250V depending on the datasheet grid). |
| **E4** | Capacitance Code | Represents the value in picofarads (pF). **4** is the multiplier. (e.g., 474 = 0.47µF). |
| **R** | Packaging/RoHS | Indicates Tape & Reel packaging or RoHS compliance. |
---
### 2. Technical Specifications
The JFX series is highly regarded in the audiophile community for its "Premium" construction.
* **Dielectric Material:** Metallized Polypropylene Film.
* **Capacitance Tolerance:** Usually ±5% (J) or ±10% (K).
* **Lead Type:** Axial leads (protruding from both ends), often made of oxygen-free copper to minimize signal loss.
* **Dissipation Factor:** Extremely low, ensuring minimal energy loss as heat.
* **Insulation Resistance:** High, preventing DC leakage.
---
### 3. Key Applications
Because of its construction, the JFX1-E4-R is used in environments where signal integrity is critical:
1. **Audio Crossovers:** Used in speaker systems to divide frequencies between tweeters and woofers without adding distortion.
2. **Coupling/Decoupling:** Passing AC signals between amplifier stages while blocking DC offset.
3. **Tone Control Circuits:** Used in guitar amplifiers or high-end pre-amps to shape EQ curves.
4. **Power Supply Filtering:** In low-noise laboratory equipment.
---
### 4. Comparison Table: Film vs. Electrolytic
| Feature | JFX Film Capacitor | Standard Electrolytic |
| :--- | :--- | :--- |
| **Longevity** | Very High (Dry dielectric) | Moderate (Liquid electrolyte dries out) |
| **ESR** | Ultra-Low | Higher |
| **Audio Quality** | Transparent / Neutral | Can introduce "smearing" or distortion |
| **Size** | Larger for the same capacity | Compact |
- ⤷What is the exact capacitance value of the E4 code in microfarads?
- ⤷ How does the JFX series compare to the Nichicon Muse series for audio?
- ⤷ What are the maximum temperature ratings for metallized polypropylene capacitors?