JFX1-FW0-R
AI

The **JFX1-FW0-R** is a specific electronic component, typically categorized as a **connector** or **header interface**, often associated with industrial automation and control systems (such as those manufactured by brands like **JST** or used in specific PLC/Servo motor modules).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The JFX series is designed for high-density applications requiring reliable board-to-wire or board-to-board connections.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Connector / Header |
| **Series** | JFX Series |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (dependent on suffix) |
| **Pitch** | Typically 0.5mm to 1.0mm (High density) |
| **Contact Material** | Copper Alloy |
| **Plating** | Gold or Tin-Lead (RoHS compliant models use Matte Tin/Gold) |
---
### 2. Key Electrical Characteristics
These parts are engineered to handle low-voltage signaling with high integrity.
* **Current Rating:** Usually around 0.5A to 1.0A per pin.
* **Voltage Rating:** Typically rated for 50V to 100V AC/DC.
* **Insulation Resistance:** Minimum 500MΩ to ensure signal isolation.
* **Contact Resistance:** Low initial resistance (max 30mΩ - 50mΩ) to prevent signal loss.
* **Dielectric Withstanding Voltage:** Capability to withstand 500V AC for one minute without breakdown.
---
### 3. Physical and Mechanical Features
The "FW0" and "R" in the part number often denote specific physical orientations and packaging.
1. **Orientation:** Usually a **Right-Angle** or **Vertical** mount to the PCB.
2. **Locking Mechanism:** Features a friction-lock or a mechanical latch to prevent disconnection due to vibration.
3. **Housing Material:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand Solder Reflow temperatures.
4. **Polarization:** The housing is keyed to ensure the connector cannot be inserted upside down or into the wrong slot.
---
### 4. Common Applications
Due to its compact size and high pin count, the JFX1-FW0-R is commonly found in:
* **PLC Modules:** Interconnecting internal CPU boards to I/O boards.
* **Servo Drives:** Connecting feedback sensors to the main logic board.
* **Medical Equipment:** Compact handheld diagnostic devices.
* **Industrial Displays:** LVDS or signal interface for LCD panels.
---
### 5. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix usually indicates:
* **JFX1:** Series Identifier.
* **FW:** Firm Wire or Female/Wafer designation.
* **0:** Variation code (e.g., standard height).
* **R:** Packaging (usually **Reel** for automated pick-and-place assembly).
---
- ⤷
What is the exact pin count for the JFX1-FW0-R variant?
- ⤷ Is there a recommended mating connector for this specific header?
- ⤷ What are the soldering temperature profiles for the JFX1 series?