Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JFX1-G5W-R

  • AI
    The **JFX1-G5W-R** is a specific model of a **Magnetic Proximity Switch** (often referred to as an Auto Switch) manufactured by **SMC Corporation**. These sensors are primarily used to detect the position of a piston within a pneumatic or hydraulic cylinder. --- ## 1. Technical Specifications The JFX1-G5W-R belongs to the solid-state auto switch category, which offers higher reliability and longer life compared to mechanical reed switches. | Parameter | Specification | | :--- | :--- | | **Switch Type** | Solid State (Electronic) | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Wiring System** | 2-wire or 3-wire | | **Operating Voltage** | 24V DC (Standard range 10-28V DC) | | **Indicator Light** | Red/Green LED (Two-color indicator) | | **Lead Wire Length** | 0.5m to 3m (R denotes specific cable length/style) | | **Enclosure Rating** | IP67 (Dust-tight and Water-resistant) | --- ## 2. Key Electronic Components & Functionality The internal circuitry of the JFX1-G5W-R consists of several critical electronic stages: ### A. Magnetic Sensing Element (Hall Effect/MR) Unlike mechanical switches that use metal reeds, this electronic part uses a **Magnetoresistive (MR)** element. When the magnetic ring on the cylinder piston moves into range, the resistance of the sensor changes, triggering the circuit. ### B. Two-Color Indication System This model features a dual-LED system for high-precision positioning: * **Red Light:** The sensor detects the magnet but is not in the "optimum" sensing range. * **Green Light:** The sensor is at the "optimum" operating position. * **Benefit:** This allows technicians to set the switch position more accurately to avoid false triggers due to vibration. ### C. Output Protection The internal PCB includes: * **Surge Protection:** To handle voltage spikes from inductive loads. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped during installation. --- ## 3. Wiring Configuration Most G5W series switches follow this standard color coding: ```yaml Brown Line: (+) Positive Terminal (10-28V DC) Blue Line: (-) Negative Terminal (0V) Black Line: (OUT) Control Output Signal (to PLC or Relay) ``` --- ## 4. Application Use Cases * **End-of-Stroke Detection:** Signaling a PLC when a cylinder has fully extended or retracted. * **Cycle Counting:** Tracking the number of movements in an automated assembly line. * **Safety Interlocks:** Ensuring a clamp is closed before a cutting tool begins operation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Reed switch and a Solid State switch in pneumatic systems?
    • ⤷ How do I troubleshoot a JFX1-G5W-R that is not triggering?
    • ⤷ Can this sensor be used with cylinders from brands other than SMC?