Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JFX1-J0-R

  • AI
    The **JFX1-J0-R** is a specific electronic component identifier typically associated with **RJ45 Modular Jacks** manufactured by companies like **Adam Tech** or similar specialized connector producers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The JFX1-J0-R is a Surface Mount Technology (SMT) RJ45 connector. It is designed to provide a physical interface for Ethernet or telecommunication signals on a Printed Circuit Board (PCB). ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Orientation** | Right Angle / Side Entry | | **Shielding** | Shielded (Metal Tab/Housing) | | **LEDs** | No Integrated LEDs (Standard "J0" configuration) | | **Contact Plating** | Gold over Nickel | | **Housing Material** | High-Temperature Thermoplastic (UL94V-0) | --- ### 3. Key Electronic Characteristics * **Shielding for EMI/RFI:** The "Shielded" nature of the JFX1-J0-R helps protect high-speed data signals from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). This is critical for maintaining signal integrity in networking applications. * **Mechanical Stability:** As an SMT component, it often includes "tabs" or "posts" to provide mechanical strength, ensuring the connector doesn't pull off the board during repeated plugging/unplugging of Ethernet cables. * **Gold Contact Interface:** The use of gold plating on the contacts ensures low contact resistance and prevents oxidation over time, which is vital for long-term electrical reliability. ### 4. Typical Applications The JFX1-J0-R is commonly found in: 1. **Networking Hardware:** Routers, switches, and hubs. 2. **Industrial Controllers:** PLC units and industrial Ethernet interfaces. 3. **Embedded Systems:** Microcontroller development boards that require a compact Ethernet port. 4. **Consumer Electronics:** Set-top boxes and smart home gateways. --- ### 5. Part Number Breakdown (Typical) While manufacturers vary slightly, the code usually decodes as follows: * **JF:** Product Series (Modular Jack). * **X1:** Physical layout/footprint code. * **J0:** Specific configuration (often indicating no LEDs or specific tab orientation). * **R:** RoHS Compliant (Lead-free).
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate supported by the JFX1-J0-R?
    • ⤷ What are the recommended soldering profiles for this SMT connector?
    • ⤷ How does this part differ from the JFX1-L1-R version?