AI

The **JFX1-J2-R** refers to a specific series of high-quality **Polypropylene Film Capacitors** manufactured by **JIAXING (JFX)**, often branded under the **Audiophiler** label. These components are predominantly used in high-fidelity (Hi-Fi) audio systems.
### 1. Component Overview
The "JFX" series is designed specifically for crossover networks, coupling, and filtering where signal purity is critical. The "R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards.
| Feature | Specification Details |
| :--- | :--- |
| **Material** | Metallized Polypropylene Film (MKP) |
| **Dielectric** | Polypropylene |
| **Tolerance** | Usually ±3% or ±5% (High Precision) |
| **Lead Style** | Axial Leads (leads come out of the ends) |
| **Color/Housing** | Typically red cylindrical wrap with black/white epoxy end-fill |
---
### 2. Key Technical Characteristics
These capacitors are chosen for electronic circuits because of their specific physical and electrical properties:
* **Non-Polarized:** Unlike electrolytic capacitors, the JFX1-J2-R can be used in AC signal paths without worrying about polarity (+/-).
* **Low Dissipation Factor (DF):** It has very low internal resistance, meaning it doesn't waste energy as heat or distort the signal.
* **Self-Healing Properties:** If a high-voltage spike causes a tiny puncture in the film, the metallized layer evaporates around the hole, preventing a short circuit.
* **High Stability:** The capacitance value remains stable across a wide range of temperatures and frequencies.
---
### 3. Common Applications
The JFX1-J2-R is a staple in the "Audiophile" DIY community and professional audio engineering:
1. **Speaker Crossovers:** Used to split audio signals into different frequency bands for woofers, mid-ranges, and tweeters.
2. **Vacuum Tube Amplifiers:** Frequently used as coupling capacitors between stages to block DC voltage while allowing the AC audio signal to pass.
3. **Signal Filtering:** Used in power supplies for high-end pre-amps to ensure a clean, ripple-free current.
---
### 4. Part Number Breakdown (Typical)
While manufacturers vary, the string usually indicates:
* **JFX:** Series name (Metallized Polypropylene).
* **J:** Tolerance code (J = ±5%).
* **Voltage/Value:** Often hidden in the full string (e.g., 250V, 400V, 630V).
* **R:** RoHS Compliant.
---
- ⤷
What are the typical voltage ratings available for the JFX series capacitors?
- ⤷ How does a polypropylene capacitor differ from a ceramic capacitor in audio circuits?
- ⤷ Can the JFX1-J2-R be used as a direct replacement for an electrolytic capacitor?