JH177128160CCNFNNTZCWC
AI

The part number **JH177128160CCNFNNTZCWC** appears to be a specialized manufacturer code, likely belonging to a high-capacity **TFT LCD Display Module**. While specific datasheets for such long strings are often proprietary to industrial suppliers (like JHD or similar display manufacturers), the alphanumeric structure reveals critical technical specifications.
---
## Technical Specifications Breakdown
Based on standard industry naming conventions for display modules, here is the functional breakdown of the components:
| Segment | Feature | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer | Likely "JingHao" or a similar industrial display OEM. |
| **177** | Physical Size | 1.77-inch diagonal screen size. |
| **128160** | Resolution | 128 x 160 pixels (Standard QQCIF resolution). |
| **CC** | Color Depth | Likely 65K or 262K Full Color (RGB). |
| **NF/NN** | Interface/Touch | Non-Touch (NN) or FPC (Flexible Printed Circuit) connection type. |
| **TZC** | Backlight Type | White LED (Triple or Zone Control). |
| **WC** | Wide Temp | Wide Operating Temperature range (Industrial Grade). |
---
## Key Electronic Components
A module with this part number typically consists of the following electronic sub-sections:
### 1. The LCD Driver IC
This is the "brain" of the display. For a 128x160 1.77" screen, it usually utilizes one of the following controllers:
* **ST7735S** (Sitronix)
* **ILI9163** (Ilitek)
* **Function:** Translates SPI or MCU parallel data into voltage levels to twist the liquid crystals.
### 2. Backlight Unit (BLU)
* **LEDs:** Typically 2 to 4 white LEDs connected in parallel or series.
* **Diffuser:** Layers of optical film to ensure uniform brightness across the 1.77" surface.
### 3. FPC (Flexible Printed Circuit)
* The "tail" of the display. It contains the gold-plated traces that connect to your PCB.
* **Pinout:** Usually includes GND, VCC (3.3V), LED+, LED-, Reset, CS (Chip Select), and Data pins (SDA/SCK).
### 4. Glass Sandwich
* **Polarizers:** Two sheets of polarized film (0° and 90°).
* **TFT Layer:** Thin-film transistors etched onto glass to control individual sub-pixels.
---
## Usage and Implementation
```cpp
// Typical pin configuration for driving this part via Arduino/ESP32
#define TFT_CS 10
#define TFT_RST 9
#define TFT_DC 8
#define TFT_MOSI 11 // Data out
#define TFT_SCLK 13 // Clock
```
### Application Areas
* **Handheld Instruments:** Multimeters or portable testers.
* **IoT Nodes:** Displaying sensor data (temperature/humidity).
* **Industrial Controllers:** Small status monitors for DIN-rail equipment.
---
- ⤷
What is the standard operating voltage for the ST7735 driver used in these displays?
- ⤷ How do I identify the pinout of a 1.77 inch TFT if the datasheet is unavailable?
- ⤷ What are the pros and cons of using an SPI interface versus a Parallel interface for this part?