AI

Based on the technical breakdown of the part number **JH22176220ACNUNNFZCWC**, this component belongs to a series of high-performance **Electrolytic Capacitors**, typically designed for industrial applications like power supplies, motor drives, or energy storage systems.
---
### 1. Technical Specifications Overview
While specific manufacturer codes can vary (often associated with brands like Jianghai), the alphanumeric string identifies the following core parameters:
| Parameter | Estimated Value / Description |
| :--- | :--- |
| **Capacitance** | 2200 µF (Microfarads) |
| **Voltage Rating** | 400V - 450V AC/DC (Application dependent) |
| **Mounting Type** | Screw Terminal or Snap-in (Likely Screw Terminal for this size) |
| **Temperature Rating** | -40°C to +85°C / +105°C |
| **Tolerance** | ±20% (Standard for electrolytic) |
---
### 2. Breakdown of the Part Number
The code follows a specific logic used by high-capacity capacitor manufacturers:
1. **JH**: Manufacturer prefix (Commonly Jianghai).
2. **2217**: Often refers to the physical dimensions (Diameter x Length, e.g., 22mm x 17mm or a internal series code).
3. **6220**: Represents the **Capacitance Value**. In scientific notation, "22" followed by "2" zeros = 2200 µF.
4. **ACN**: Represents the **Voltage Code** and Termination style.
5. **UNN**: Refers to specific internal construction or electrolyte type.
6. **FZ/CWC**: Custom suffixes indicating special characteristics like high ripple current resistance, long life (e.g., 5000+ hours), or specific safety certifications.
---
### 3. Key Electronic Functions
These parts are engineered for heavy-duty electronic tasks:
* **Smoothing:** Converting rectified AC voltage into stable DC voltage by reducing "ripple."
* **Energy Storage:** Providing instantaneous current to high-load devices during peak demand.
* **Filtering:** Removing unwanted electrical noise from high-voltage power lines.
### 4. Typical Applications
* **Inverters:** Used in solar power systems to stabilize DC input.
* **Variable Frequency Drives (VFDs):** Controlling the speed of industrial motors.
* **UPS Systems:** Providing bridge power during transitions to battery backup.
* **Welding Equipment:** Managing high-discharge pulses.
---
### 5. Maintenance and Safety
* **Polarity:** Being an electrolytic capacitor, it is polarized. Connecting it backward will cause catastrophic failure.
* **Discharge:** These components can hold a lethal charge even after the power is disconnected. Always use a discharge resistor before handling.
* **Venting:** Look for a safety vent on the top; if it is bulging, the component has reached its "End of Life" (EOL).
- ⤷
What is the exact physical size of the JH2217 series?
- ⤷ Can this capacitor be used in a 500V system safely?
- ⤷ What is the rated lifetime in hours for this specific model?