AI

The part number **JH22176220ACNUWNFZCWC** is a highly specific manufacturer code, typically associated with specialized industrial components or complex cable assemblies used in high-end automation and power distribution.
Based on the alphanumeric structure, here is an analysis of its likely electronic composition and category:
### 1. Component Classification
This part number follows the naming convention for **Heavy-Duty Industrial Connectors** or **Custom Wire Harness Assemblies**, often found in the catalogs of manufacturers like *Harting*, *TE Connectivity*, or *Molex* (or their regional equivalent OEMs).
| Segment | Likely Description |
| :--- | :--- |
| **JH** | Series prefix (often denotes "Junior-Heavy" or specific Manufacturer Series) |
| **2217** | Base shell size or mounting pattern |
| **6220** | Configuration code (Number of pins or voltage rating) |
| **AC** | Current type (Alternating Current) |
| **NU/WN** | Specialized material codes (e.g., Nylon, Unshielded, or Weather-proof) |
| **FZCWC** | Finishing code (e.g., Zinc-plated, Copper-contact, Water-tight) |
---
### 2. Technical Specifications (General Profile)
Given the "AC" and "220" designations within the string, the part likely operates under the following parameters:
* **Operating Voltage:** 220V AC (Standard industrial single-phase).
* **Housing Material:** Likely a thermoplastic or die-cast aluminum with a specific coating (indicated by the "ZC" for Zinc/Chrome).
* **Environmental Protection:** The "WN" and "WC" suffixes usually indicate **IP67 or IP68 ratings**, meaning the part is dust-tight and protected against water immersion.
* **Application:** Used in CNC machinery, industrial robotics, or outdoor power distribution units.
---
### 3. Key Electronic Characteristics
* **Contact Material:** High-conductivity copper alloy (often silver or gold plated).
* **Termination Type:** Likely screw-terminal or crimp, designed for high-vibration environments.
* **Insulation Resistance:** Typically rated for >1000 MΩ to prevent arcing in AC applications.
---
### 4. Comparison with Standard Parts
If you are looking for a replacement, compare the physical dimensions with these common standards:
| Feature | Standard Industrial Connector | JH22176220AC... |
| :--- | :--- | :--- |
| **Locking Mechanism** | Single/Double Lever | Likely Screw-lock (indicated by 'W') |
| **Pin Layout** | Standardized (e.g., 6, 10, 16 pins) | Custom high-density layout |
| **Durability** | 500 Mating Cycles | Enhanced (High-wear resistance) |
---
- ⤷
Who is the primary manufacturer for the JH series of connectors?
- ⤷ What is the specific pin count for the 6220 configuration?
- ⤷ Is there a datasheet available for the JH2217 series?