AI

The part number **JH24240320CCNUWNFZCWC** refers to a specific **TFT LCD Display Module**. Based on the naming conventions used by industrial display manufacturers (often associated with Jinghong or similar Chinese display technology firms), we can break down the technical specifications.
---
## Technical Specifications Breakdown
The alphanumeric code provides details regarding resolution, interface, and panel type:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Model Type** | TFT LCD | Thin Film Transistor liquid crystal display. |
| **Resolution** | 240 x 320 Pixels | QVGA resolution, typically in a 2.4-inch portrait orientation. |
| **Interface** | SPI / MCU | Usually supports 3/4-wire SPI or 8/16-bit parallel interface. |
| **Display Mode** | Transmissive | Requires a backlight to be visible; high brightness. |
| **View Direction** | All View (IPS) | Often "UW" indicates Ultra-Wide viewing angles (IPS technology). |
| **Touch Panel** | Non-Touch / Capacitive | Depending on the suffix "CWC," it may include a Capacitive Touch Panel (CTP). |
---
## Key Components of the Module
### 1. The LCD Driver IC
This module typically utilizes a common driver such as the **ST7789V** or **ILI9341**. This chip translates digital data from your microcontroller (like Arduino, ESP32, or STM32) into the voltages required to activate the liquid crystals.
### 2. Backlight Unit (BLU)
* **LEDs:** Usually consists of 4 to 6 white LEDs connected in parallel or series.
* **Brightness:** Standard modules offer between 250 to 400 cd/m².
### 3. FPC (Flexible Printed Circuit)
The "tail" of the display that connects to your PCB. It contains the data lines, power lines (VCC/IOVCC), and the backlight power (LEDK/LEDA).
---
## Pinout Overview (Typical 240x320 SPI)
While the exact pinout depends on the physical FPC design, these are the standard signals involved:
| Pin Name | Function |
| :--- | :--- |
| **VCC/VDD** | Power Supply (Typically 2.8V - 3.3V) |
| **GND** | Ground |
| **CS** | Chip Select |
| **RESET** | Hardware Reset |
| **DC/RS** | Data/Command Selection |
| **SDI/SDA** | Serial Data Input |
| **SCK** | Serial Clock |
| **LED A/K** | Backlight Anode (+) / Cathode (-) |
---
## Usage Considerations
* **Voltage Logic:** Most of these displays operate at **3.3V**. Connecting them directly to a 5V logic source (like an Arduino Uno) without a level shifter can damage the Driver IC.
* **Initialization:** To use this display, you will need an initialization code ("Init Code") specific to the controller (e.g., ST7789V) to set the gamma, frame rate, and power constants.
---
- ⤷
What is the specific Driver IC for this display model?
- ⤷ Can this display be used with a 5V microcontroller like an Arduino Uno?
- ⤷ What are the dimensions and active area of this 240x320 module?