JH24240320ECNUWNTZCWC
AI

The part number **JH24240320ECNUWNTZCWC** corresponds to a specialized **TFT LCD Display Module**. While the nomenclature is specific to the manufacturer (likely JHD or a similar display vendor), the alphanumeric string provides a detailed breakdown of its physical and technical specifications.
---
### 1. Component Specifications
This part is a high-resolution display module typically used in handheld devices, smart appliances, or industrial interfaces.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | TFT LCD | Thin Film Transistor liquid crystal display. |
| **Resolution** | 240 x 320 Pixels | QVGA resolution, usually in a 2.4-inch form factor. |
| **Interface** | MCU / SPI / RGB | Likely supports multi-mode communication for data transfer. |
| **Touch Panel** | Capacitive / Resistive | The "CWC" suffix often indicates a Capacitive Touch Panel (CTP). |
| **Backlight** | White LED | Standard high-brightness LED array. |
---
### 2. Breakdown of the Part Number
Though internal codes vary by manufacturer, the string can generally be decoded as follows:
* **JH**: Manufacturer prefix (e.g., JingHao or similar).
* **24**: Often refers to the diagonal size (2.4 inches).
* **240320**: The native resolution (240 pixels width x 320 pixels height).
* **ECN**: Internal revision or controller IC type.
* **UW**: Ultra-Wide viewing angle (likely an IPS-like technology).
* **NT**: Non-Temperature compensation or standard operating range.
* **ZCWC**: Specific assembly code indicating a **Capacitive Touch Screen** with a specific controller.
---
### 3. Key Electronic Subsystems
To integrate this part, you must interact with three primary electronic blocks:
#### A. The Display Controller
The module contains an onboard driver IC (commonly an **ILI9341** or **ST7789V**). This chip translates digital signals from your microcontroller (MCU) into voltages that control the liquid crystal pixels.
#### B. The Backlight Circuit
* **Voltage:** Typically requires 3.0V to 3.3V.
* **Current:** Usually 15-20mA per LED.
* **Control:** Often managed via PWM (Pulse Width Modulation) for dimming.
#### C. The Touch Controller
The "CWC" portion implies a capacitive touch overlay. This is usually connected via an **I2C interface** (SDA/SCL pins), allowing the device to detect multi-touch gestures.
---
### 4. Typical Pinout Interface
Most modules of this series use a 37-pin or 40-pin FPC (Flexible Printed Circuit) connector.
```cpp
// Example: Basic SPI Initialization for a 240x320 Display
#define TFT_CS 10
#define TFT_DC 9
#define TFT_RST 8
// Initialize the display driver (Library-dependent)
display.begin();
display.setRotation(1);
display.fillScreen(COLOR_BLUE);
```
---
- ⤷
What is the standard pinout for a 240x320 TFT display with capacitive touch?
- ⤷ Which driver IC is most commonly used in JH series 2.4-inch displays?
- ⤷ How do I interface the capacitive touch (CWC) part of this module with an Arduino or ESP32?