Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JH35320480DCNSNNTZCWC

  • AI
    The part number **JH35320480DCNSNNTZCWC** refers to a specific **TFT LCD (Thin Film Transistor Liquid Crystal Display)** module. Components with this naming convention are typically manufactured by display specialists like Jinhui or similar industrial display providers. --- ### 1. Breakdown of the Technical Specifications Based on the standard nomenclature for industrial displays, here is a detailed breakdown of the internal components and features: | Feature | Specification | Description | | :--- | :--- | :--- | | **Diagonal Size** | 3.5 Inch | The "35" in the prefix usually indicates a 3.5" screen size. | | **Resolution** | 320 x 480 (HVGA) | The "320480" segment defines the pixel density. | | **Panel Type** | IPS / TFT | Often features IPS technology for wide viewing angles. | | **Interface** | MCU / RGB / SPI | Typically uses an 8/16-bit parallel interface or SPI. | | **Touch Panel** | Capacitive (CTP) | The "CWC" suffix often indicates a Capacitive Touch Panel with a custom cover lens. | | **Brightness** | ~300 - 500 cd/m² | Standard sunlight-readable or indoor industrial grade. | --- ### 2. Key Electronic Sub-systems #### A. The Display Driver IC (DDIC) The heart of this module is the Driver IC (often an **ILI9488** or **ST7796S**). This chip: * Converts digital data from your microcontroller (MCU) into analog voltages. * Controls the orientation (landscape/portrait) and color depth (16-bit or 18-bit RGB). * Manages the "Gram" (Graphic RAM) to store the current frame. #### B. The Backlight Circuit * **LED Array:** Consists of 6 to 10 white LEDs connected in series or parallel. * **Power Requirements:** Usually requires a constant current driver providing ~18V - 25V (if in series) or 3.3V (if in parallel with an internal boost). #### C. The Capacitive Touch Controller * Communicates via **I2C interface**. * Requires a separate interrupt (INT) and Reset (RST) pin to signal the host processor when a touch event occurs. #### D. FPC (Flexible Printed Circuit) * The orange/brown ribbon cable that carries all signals. It contains gold-plated traces designed for high-speed data transmission and EMI shielding. --- ### 3. Connection Pinout (Typical) Most displays of this series utilize a 40-pin or 50-pin FPC connector. ```markdown 1. GND - Ground 2. VCI/VDD - Power Supply (2.8V - 3.3V) 3. IOVDD - I/O Voltage (1.8V - 3.3V) 4. CS - Chip Select 5. RS/DC - Register Select / Data Control 6. WR/RD - Write / Read Enable 7. DB0-DB15 - Data Bus Pins 8. LEDK/LEDA - Backlight Cathode/Anode ``` --- ### 4. Application Areas * **Medical Devices:** Handheld diagnostic tools. * **Industrial Control:** Smart thermostats or HMI (Human Machine Interface) panels. * **IoT Handhelds:** Portable inventory scanners or smart home controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Driver IC used in the JH35320480DCNSNNTZCWC?
    • ⤷ Does this display support sunlight-readable high brightness levels?
    • ⤷ What is the recommended I2C address for the capacitive touch controller?