JH395320480ACNDNNTHCWC
AI

The part number **JH395320480ACNDNNTHCWC** refers to a high-performance **Thin Film Transistor (TFT) Liquid Crystal Display (LCD)** module. Based on the naming conventions of industrial display manufacturers (like JHD or similar specialist vendors), we can break down the specifications of this component.
---
### 1. Specification Breakdown
The alphanumeric string defines the physical and electrical characteristics of the display:
| Code Segment | Component Detail | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer Prefix | Likely JingHao or a similar industrial display partner. |
| **395** | Diagonal Size | **3.95 inches** measured diagonally. |
| **320480** | Resolution | **320 x 480 pixels** (HVGA resolution). |
| **ACN** | Interface/Driver | Typically indicates an RGB or MCU interface with a specific driver IC. |
| **DN** | Backlight Type | High-brightness White LED (standard configuration). |
| **NTH** | Panel Technology | TN (Twisted Nematic) or IPS; "NTH" often refers to a specific Viewing Angle (e.g., 6 o'clock or 12 o'clock). |
| **CWC** | Touch Panel | Indicates a **Capacitive Touch Panel (CTP)** with a specific controller. |
---
### 2. Key Electronic Components
This module is not just a screen; it is an integrated system consisting of several key electronic layers:
1. **Driver IC (Integrated Circuit):** Usually a chip like the **ILI9488** or **ST7796S**. This chip translates data from your microcontroller (Arduino, ESP32, STM32) into voltage signals that control the liquid crystals.
2. **FPC (Flexible Printed Circuit):** The "ribbon cable" extending from the glass. This contains the traces for the data bus, power supply (VCC/IOVCC), and the backlight circuit.
3. **Backlight Unit (BLU):** A string of 6 to 10 white LEDs arranged in series or parallel, requiring a constant current driver (typically 3.0V - 3.3V).
4. **Capacitive Touch Controller:** A separate IC (often a FocalTech or Goodix chip) mounted on the touch panel's FPC to handle multi-touch gestures and I2C communication.
---
### 3. Technical Parameters (Typical)
| Parameter | Value |
| :--- | :--- |
| **Display Mode** | Transmissive / Normally White or Black |
| **Active Area** | Approx. 55.44(W) × 83.52(H) mm |
| **Operating Voltage** | 2.8V - 3.3V |
| **Interface** | SPI, 8/16-bit Parallel, or RGB |
| **Brightness** | 300 - 500 cd/m² |
| **Touch Interface** | I2C (Inter-Integrated Circuit) |
---
### 4. Application Usage
This part is commonly found in:
* **Handheld Medical Devices:** For clear, high-resolution readouts.
* **Smart Home Controllers:** Thermostats or security panels.
* **Industrial Testing Equipment:** Where a compact but touch-enabled UI is required.
---
- ⤷What is the pinout configuration for the FPC connector on this display?
- ⤷ Which Driver IC is most commonly used with 320x480 3.95 inch displays?
- ⤷ How do I interface the capacitive touch controller via I2C?