Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JH395320480ACNRNNFZCWC

  • AI
    The part number **JH395320480ACNRNNFZCWC** corresponds to a specialized **Liquid Crystal Display (LCD) Module**, likely a TFT (Thin Film Transistor) display. Based on standard alphanumeric naming conventions for industrial display components, here is a breakdown of the electronic specifications and features. --- ### 1. Component Specifications The following table outlines the likely technical parameters derived from the part nomenclature: | Feature | Specification Details | | :--- | :--- | | **Display Type** | TFT-LCD (Active Matrix) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | Typically MCU, SPI, or RGB (Parallel) | | **Driver IC** | Often integrated (e.g., ILI series or ST series) | | **Backlight** | White LED (WLED) | | **Touch Panel** | Likely Capacitive (indicated by "CWC" suffix) | --- ### 2. Key Electronic Components This module is an assembly of several critical sub-components: * **Glass Substrate:** The layer containing the liquid crystals and the Thin Film Transistors that control individual pixels. * **Driver IC (COG):** The "Chip on Glass" that translates digital signals from a microcontroller into the voltages required to drive the LCD pixels. * **FPC (Flexible Printed Circuit):** The orange/gold flexible ribbon cable that connects the display to the main PCB. It carries data, power (VCC/IOVCC), and ground. * **Backlight Unit (BLU):** A series of LEDs connected in either series or parallel, requiring a constant current driver circuit. * **Touch Controller:** An onboard IC that processes touch coordinates and communicates via I2C or SPI. --- ### 3. Pinout & Connectivity While specific pinouts vary by manufacturer (e.g., JHD or similar vendors), the interface generally includes: ```cpp // Typical Interface Mapping 1. GND - Ground 2. VCC - Power Supply (2.8V - 3.3V) 3. CS - Chip Select 4. RS/DC - Register Select / Data Control 5. WR/RD - Write/Read Strobe 6. DB0-DB15 - Data Bus (for 16-bit parallel) 7. RESET - Hardware Reset 8. LED_K/A - Backlight Cathode/Anode ``` --- ### 4. Application Use-Cases Electronic modules with these specific dimensions and resolutions are commonly found in: 1. **Handheld Medical Devices:** Blood pressure monitors or portable oxygen concentrators. 2. **Industrial Controllers:** Smart thermostats and security keypad panels. 3. **IoT Nodes:** Smart home hubs requiring a visual interface.
    ✨ Follow-up Questions
    • ⤷ What is the exact communication protocol used by this display (SPI or Parallel)?
    • ⤷ What is the recommended operating voltage for the backlight LEDs?
    • ⤷ Does this specific part number include a capacitive or resistive touch screen?