JH395320480CCNDNNFZCWC
AI

Based on the part number **JH395320480CCNDNNFZCWC**, this appears to be a highly specific manufacturer code typically associated with **LCD Display Modules**, often used in industrial or automotive applications.
While specific datasheets for such long strings are often proprietary to the manufacturer (such as **Jinghua** or similar panel makers), the code can be broken down based on standard display naming conventions.
---
## Technical Breakdown of the Component
### 1. Basic Specifications (Inferred)
Based on the alphanumeric string, we can deduce the following characteristics:
| Section | Likely Meaning | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer | Likely stands for **Jinghua** (a common display manufacturer). |
| **395** | Physical Size | Often refers to a **3.95-inch** diagonal screen size. |
| **320480** | Resolution | Indicates a **320 x 480** pixel arrangement (HVGA). |
| **CC** | Interface/Type | Often denotes a specific Capacitive Touch or Connector type. |
| **NDNN** | Panel Features | No backlight dimming / Normal Temp / Non-standard logic. |
| **FZCWC** | Internal Revision | Specific factory calibration, FPC cable length, and coating. |
### 2. Physical Characteristics
* **Display Technology:** Most likely an **IPS** or **TFT-LCD** panel.
* **Interface:** Usually utilizes an **MCU 8/16-bit** or **SPI + RGB** interface via a Flexible Printed Circuit (FPC) cable.
* **Touch Panel:** The "C" in the suffix often indicates a **Capacitive Touch Screen** (PCAP).
---
## Common Applications
These specific display modules are integrated into:
1. **Smart Home Hubs:** Thermostats or security panels.
2. **Industrial Handhelds:** Barcode scanners or diagnostic tools.
3. **Medical Equipment:** Small monitoring screens.
4. **Automotive Dashboards:** Secondary informational displays.
---
## Integration Notes
If you are attempting to drive this part using a microcontroller (like ESP32 or STM32), you will likely need the following:
```markdown
1. Controller IC: Usually an ILI9488 or ST7796S (common for 320x480).
2. Voltage Requirements: Typically 3.3V for Logic and 5V or 3.3V for the Backlight.
3. Connector: 40-pin or 50-pin FPC with 0.5mm pitch.
```
---
- ⤷
What is the pinout for the FPC connector of this module?
- ⤷ Which driver IC is compatible with the JH395320480 series?
- ⤷ Is there a specific datasheet available for the Jinghua 3.95 inch displays?