AI

Based on the part number **JH40480800ACNDNNFZCWC**, this component belongs to the category of **Industrial TFT LCD Display Modules**. These displays are commonly used in medical devices, industrial controllers, and handheld terminals.
---
### 1. Technical Specifications Breakdown
The alphanumeric string provides specific details regarding the display's dimensions, interface, and technology.
| Feature | Detail | Description |
| :--- | :--- | :--- |
| **Type** | TFT LCD | Thin Film Transistor Liquid Crystal Display |
| **Resolution** | 480 x 800 | WVGA resolution (Portrait orientation) |
| **Size** | 4.0 Inch | Measured diagonally |
| **Interface** | RGB / MIPI | Standard high-speed data transmission for displays |
| **Touch Panel** | Capacitive (CTP) | Multi-touch support (likely indicated by "CWC") |
| **Brightness** | Standard to High | Typically 300-500 cd/m² for indoor/outdoor use |
---
### 2. Key Electronic Components
This module is not just a screen; it is a system of several integrated electronic parts:
#### A. Driver IC (Integrated Circuit)
* **Function:** Acts as the "brain" of the display. It converts signals from the host (like a Raspberry Pi or Microcontroller) into voltages that control the liquid crystals.
* **Common Models:** Usually powered by chips like the **ILI9806** or **ST7701S**.
#### B. Backlight Unit (BLU)
* **Components:** A string of White LEDs (WLED) connected in series or parallel.
* **Driving:** Requires a constant current LED driver circuit (usually 15V-25V depending on the LED count).
#### C. Flex Printed Circuit (FPC)
* **Design:** The orange/black flexible cable connecting the screen to the PCB.
* **EMI Shielding:** Often contains grounding layers to prevent electromagnetic interference.
#### D. Touch Controller
* **Function:** An independent IC (e.g., Goodix or FocalTech) located on the FPC that processes finger touches and communicates via **I2C interface**.
---
### 3. Connection Pinout Overview
While specific pinouts vary by manufacturer (JH usually refers to Jinhang or similar specialized display vendors), the electronic interface generally includes:
1. **Power Pins:** VDD (Digital power, 2.8V-3.3V) and VCI (Analog power).
2. **Data Lanes:** 24-bit RGB (D0-D23) or 2-lane MIPI CSI/DSI.
3. **Control Signals:** HSYNC, VSYNC, PCLK, and DE (Data Enable).
4. **Backlight:** LED+ (Anode) and LED- (Cathode).
5. **Touch:** SDA, SCL, RST, and INT pins for I2C communication.
---
### 4. Application Environments
* **Smart Home:** Thermostats and security panels.
* **Industrial:** CNC machine interfaces.
* **Medical:** Patient monitoring handhelds.
- ⤷
What is the exact pinout configuration for the FPC connector of this module?
- ⤷ Which Driver IC is compatible with the JH40480800 series for firmware development?
- ⤷ What is the recommended voltage for the LED backlight circuit on this 4-inch display?