AI

The part number **JH40480800BCNLNNFZCWC** refers to a high-resolution, industrial-grade **TFT LCD Display module**. This specific nomenclature is typical for manufacturers like **Jinghua (JH)**. These displays are commonly used in medical equipment, automotive dashboards, or industrial control interfaces.
---
### 1. Technical Specifications
Based on the standard coding for this series, here are the primary electronic and physical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Display Type** | TFT LCD | Active Matrix Liquid Crystal Display |
| **Diagonal Size** | 4.0 Inches | Compact handheld/panel size |
| **Resolution** | 480 x 800 Pixels | WVGA Portrait orientation (typically) |
| **Interface** | RGB / MIPI | High-speed data transmission |
| **Backlight** | White LED | Long-life industrial LEDs |
| **Touch Panel** | Capacitive (CTP) | Indicated by the "C" suffix in many naming conventions |
---
### 2. Key Electronic Components
A module with this complexity contains several integrated sub-systems:
* **LCD Driver IC:** Often a Chip-on-Glass (COG) controller that translates digital signals (RGB/MIPI) into the voltages required to twist the liquid crystals.
* **FPC (Flexible Printed Circuit):** The "ribbon cable" that carries signals from the host MCU/SBC to the display.
* **Backlight Driver Circuit:** Usually requires a constant current source to drive the series/parallel LED string safely.
* **Capacitive Touch Controller:** An onboard IC (like those from Goodix or FocalTech) that processes I2C signals for multi-touch functionality.
---
### 3. Pinout and Connectivity
While exact pinmaps depend on the specific datasheet revision, these modules generally utilize a **40-pin to 50-pin FPC connector**.
```yaml
Signal Groups:
- Power: VDD (Digital), VCI (Analog), LED+/LED- (Backlight)
- Data: D0-D23 (RGB) or Lane 0-1 (MIPI)
- Control: RESET, CS (Chip Select), RS (Register Select), WR/RD
- Touch: SDA, SCL, INT, RST (I2C interface)
```
---
### 4. Application Integration
To use this part in an electronic design, you typically need:
1. **Level Shifters:** If your microcontroller uses 5V, as most TFTs operate at **3.3V**.
2. **Backlight Boost Converter:** The LEDs often require ~15V–25V, which must be boosted from a 3.3V or 5V rail.
3. **Frame Buffer:** A processor with enough RAM to handle a 480x800 resolution (approx. 768KB for 16-bit color).
- ⤷
What is the pinout diagram for the JH40480800 series?
- ⤷ Which driver IC is compatible with this 480x800 display?
- ⤷ Does this model support MIPI DSI or parallel RGB interface?