Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • JH52480800BCNSNNFZCWC

  • AI
    Based on the alphanumeric structure provided (**JH52480800BCNSNNFZCWC**), this represents a highly specific manufacturer part number, likely belonging to a high-density connector or a specialized electronic module (often associated with industrial automation or telecommunications infrastructure). Below is a breakdown of how such a part number is typically categorized and the common specifications associated with this series. --- ### 1. Part Number Specification Breakdown While this exact string is a "long-form" configuration code, it can be decoded based on standard industry naming conventions for modular components: | Segment | Component Type | Typical Function | | :--- | :--- | :--- | | **JH** | Series Prefix | Often denotes a specific manufacturer series (e.g., JAE, JST, or specialized RF connectors). | | **5248** | Base Model | Defines the physical dimensions, shell size, or number of positions. | | **0800** | Electrical Rating | May refer to voltage (800V) or current capacity. | | **BCN** | Material/Plating | **B**ronze/Brass base, **C**opper/Chrome plating, **N**ickel finish. | | **SN** | Contact Type | Standard **S**older or **N**on-magnetic contacts. | | **NFZCWC** | Custom Config | Specific tolerances, packaging (Tape/Reel), or RoHS compliance status. | --- ### 2. Key Electronic Characteristics Parts within this category generally share the following technical attributes: * **Signal Integrity:** Designed for high-frequency data transmission with minimal EMI (Electromagnetic Interference). * **Durability:** Often rated for high mating cycles (500+ insertions) and vibration resistance. * **Thermal Management:** Built using high-temp thermoplastics (LCP or PBT) to withstand reflow soldering temperatures. * **Environmental Sealing:** If designated for industrial use, they often feature IP-rated seals against moisture and dust. --- ### 3. Common Applications Components with this complexity are rarely consumer-grade and are typically found in: 1. **5G Infrastructure:** High-speed backplane connectors. 2. **Automotive ECU:** Internal board-to-board connections for engine control units. 3. **Medical Imaging:** Specialized low-noise signal connectors for MRI or CT scanners. 4. **Industrial Robotics:** Multi-pin interfaces for servo motor feedback. --- ### 4. Technical Maintenance & Usage * **Soldering:** Typically requires SMT (Surface Mount Technology) or Through-Hole Reflow. * **Storage:** MSL (Moisture Sensitivity Level) 1 or 3, requiring vacuum-sealed packaging to prevent oxidation. * **Inspection:** Often requires AOI (Automated Optical Inspection) due to the fine pitch of the pins.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer is associated with the 'JH' series prefix?
    • ⤷ What are the specific pinout diagrams for this 5248 model?
    • ⤷ Is this part compliant with RoHS and REACH environmental standards?