AI

The part number **JH52480800BCNSNNTZCWC** appears to be a specialized manufacturing part number, likely associated with **Industrial LCD Displays** or **TFT Display Modules**.
While these alphanumeric codes are specific to the manufacturer (often associated with brands like JHD, Innolux, or BOE custom segments), the string follows a standard "Intelligence Coding" structure common in the electronics display industry.
---
### Technical Breakdown of Part Number Segments
Based on industry standard conventions for TFT modules, here is the functional breakdown:
| Segment | Possible Meaning | Technical Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer Prefix | Likely stands for the manufacturer (e.g., JingHao or similar). |
| **52480800** | Resolution | Indicates a resolution of **480 x 800** pixels (WVGA). |
| **BC** | Interface/Controller | Often refers to a specific controller IC or Bridge Chip. |
| **NS** | Backlight Type | Usually "Normal brightness, Sunlight readable" or "White LED" configuration. |
| **NN** | Touch Panel | Often "No Touch" or "None," indicating a standard non-touch display. |
| **TZCWC** | Batch/Revision | Specific factory codes for glass type, viewing angle (e.g., IPS), and version. |
---
### General Specifications for this Class of Component
If this part is indeed a **480x800 TFT LCD**, it typically features the following technical characteristics:
#### 1. Display Characteristics
* **Type:** Thin Film Transistor (TFT) Active Matrix.
* **Orientation:** Typically Portrait (as 480x800 is a vertical aspect ratio).
* **Colors:** 16.7 Million colors (24-bit).
* **Viewing Angle:** Likely Wide Viewing Angle (IPS technology) if used in industrial equipment.
#### 2. Electrical Interface
* **Signal Type:** Most 480x800 displays use **RGB 24-bit** or **MIPI DSI** interfaces.
* **Voltage (VCC):** Generally 3.3V for logic.
* **Backlight:** Series/Parallel LED array requiring a constant current driver (approx. 15V-25V depending on string length).
#### 3. Common Applications
* Handheld industrial terminals.
* Medical monitoring devices.
* Smart home thermostats or control panels.
* Automotive dashboard sub-displays.
---
### Identification Tip
To get the exact datasheet, you should look for a **QR code** or a **White Label** on the back of the flex cable (FPC). The manufacturer’s logo is usually etched near the pins of the ribbon cable.
---
- ⤷
Who is the primary manufacturer of the JH series LCD modules?
- ⤷ What is the pinout configuration for a standard 480x800 RGB interface?
- ⤷ How can I test this display using an Arduino or ESP32?